Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND256R3A0AV6T Datasheet(PDF) 53 Page - STMicroelectronics

Part # NAND256R3A0AV6T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3A0AV6T Datasheet(HTML) 53 Page - STMicroelectronics

Back Button NAND256R3A0AV6T Datasheet HTML 49Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 50Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 51Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 52Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 53Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 54Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 55Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 56Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
53/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
PART NUMBERING
Table 28. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits, in valid blocks, erased to ’1’.
For further information on any aspect of this device, please contact your nearest ST Sales Office.
Example:
NAND512R3A
0
A ZA
1
T
Device Type
NAND = NAND Flash Memory
Density
128 = 128Mb
256 = 256Mb
512 = 512Mb
01G = 1Gb
Operating Voltage
R = VDD = 1.7 to 1.95V
W = VDD = 2.7 to 3.6V
Bus Width
3 = x8
4 = x16
Family Identifier
A = 528 Bytes/ 264 Word Page
Device Options
0 = No Options
2 = Chip Enable Don’t Care Enabled
Product Version
A = First Version
B = Second Version
C = Third Version
Package
N = TSOP48 12 x 20mm (all devices)
V = USOP48 12 x 17 x 0.65mm (128Mbit, 256Mbit and 512Mbit devices)
ZA = VFBGA55 8 x 10 x 1mm, 6x8 ball array, 0.8mm pitch (128Mbit and 256Mbit devices)
ZB = TFBGA55 8 x 10 x 1.2mm, 6x8 ball array, 0.8mm pitch (512Mbit Dual Die devices)
ZA = VFBGA63 9 x 11 x 1mm, 6x8 ball array, 0.8mm pitch (512Mbit devices)
ZB = TFBGA63 9 x 11 x 1.2mm, 6x8 ball array, 0.8mm pitch (1Gbit Dual Die devices)
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
blank = Standard Packing
T = Tape & Reel Packing
E = Lead Free Package, Standard Packing
F = Lead Free Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com