Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND256R3A0AV6T Datasheet(PDF) 19 Page - STMicroelectronics

Part # NAND256R3A0AV6T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3A0AV6T Datasheet(HTML) 19 Page - STMicroelectronics

Back Button NAND256R3A0AV6T Datasheet HTML 15Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 16Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 17Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 18Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 19Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 20Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 21Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 22Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
19/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
COMMAND SET
All bus write operations to the device are interpret-
ed by the Command Interface. The Commands
are input on I/O0-I/O7 and are latched on the rising
edge of Write Enable when the Command Latch
Enable signal is high. Device operations are se-
lected by writing specific commands to the Com-
mand
Register.
The
two-step
command
sequences for program and erase operations are
imposed to maximize data security.
The
Commands
are
summarized
in
Table
9., Commands.
Table 9. Commands
Note: 1. The bus cycles are only shown for issuing the codes. The cycles required to input the addresses or input/output data are not shown.
2. Any undefined command sequence will be ignored by the device.
Command
Bus Write Operations(1)
Command accepted
during busy
1st CYCLE
2nd CYCLE
3rd CYCLE
Read A
00h
-
-
Read B
01h(2)
-
-
Read C
50h
-
-
Read Electronic Signature
90h
-
-
Read Status Register
70h
-
-
Yes
Page Program
80h
10h
-
Copy Back Program
00h
8Ah
10h
Block Erase
60h
D0h
-
Reset
FFh
-
-
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com