Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-C08EXS40 Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTPL-C08EXS40
Description  LED HIGH POWER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C08EXS40 Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTPL-C08EXS40 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 17Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
013
LED HIGH POWER
C08 Product Series
BNC-OD-C131/A4
Created Date : 03/08/2013
Revison : 0.3, 05/08/2013
4000K
Parameter
Bin
Symbol
Min
Max
Unit
condition
Luminous Flux
MO
ΦV
450
480
lm
If=350mA
OQ
480
515
QS
515
555
SU
555
600
CRI 90 Series
3000K
Parameter
Bin
Symbol
Min
Max
Unit
condition
Luminous Flux
GI
ΦV
360
390
lm
If=350mA
IK
390
420
KM
420
450
CRI 70 Series
4000K
Parameter
Bin
Symbol
Min
Max
Unit
condition
Luminous Flux
QS
ΦV
515
555
lm
If=350mA
SU
555
600
UW
600
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com