Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-C08EXS40 Datasheet(PDF) 25 Page - Lite-On Technology Corporation

Part # LTPL-C08EXS40
Description  LED HIGH POWER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C08EXS40 Datasheet(HTML) 25 Page - Lite-On Technology Corporation

Back Button LTPL-C08EXS40 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 19Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 20Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 21Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 22Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 23Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 24Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 25Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 26Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
025
LED HIGH POWER
C08 Product Series
BNC-OD-C131/A4
Created Date : 03/08/2013
Revison : 0.3, 05/08/2013
12. Cautions
12.1 An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in
parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in
series with each LED as shown in Circuit below.
LED
LED
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those
LEDs.
12.2 Do not put any pressure on the light emitting surface either by finger or any hand tool and do not stack the
COB products. Stress or pressure may cause damage to the wires of the LED array.
12.3 This product is not designed for the use under any of the following conditions, please confirm the performance
and reliability are well enough if you use it under any of the following conditions
・Do not use sulfur-containing materials in commercial products including the materials such as seals and
adhesives that may contain sulfur.
・Do not put this product in a place with a lot of moisture (over 85% relative humidity), dew condensation, briny air,
and corrosive gas (Cl, H2S, NH3, SO2, NOX, etc.), exposure to a corrosive environment may affect silver plating.
ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might
have built up on surface of the LED’s plastic lens
as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage,
or “no light up” at low currents.
To verify for ESD damage, check for “light up” and VF of the suspect LEDs at low currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com