Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-C08EXS40 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-C08EXS40
Description  LED HIGH POWER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C08EXS40 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-C08EXS40 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
04
LED HIGH POWER
C08 Product Series
BNC-OD-C131/A4
Created Date : 03/08/2013
Revison : 0.3, 05/08/2013
3.
Rating and Characteristics
3.1 Absolute Maximum Ratings at Ta=25°C.
Parameter
Symbol
Rating
Unit
Power Dissipation (100V)
Po
6.5
W
Power Dissipation (12V)
Po
10
W
DC Forward Current (100V)
IF
60
mA
DC Forward Current (12V)
IF
720
mA
ESD Sensitivity
VB
8
kV
Junction Temperature
Tj
125
°C
Thermal Resistance, Junction-Case(100V)
Rth, J-C
4.5
°C / W
Thermal Resistance, Junction-Case (12V)
Rth, J-C
3.3
°C / W
Operating Temperature Range
Topr
-40~+85
°C
Storage Temperature Range
Tstg
-55~+100
°C
Notes
1. The pulse mode condition is 1 KHz with 0.1msec pulse width..
2. Forbid to operating at reverse voltage condition
3. ESD spec is reference to AEC-Q101-001 HBM.
4. The unit of Rth is °C/W electrical.
5. Thermal resistance measurement tolerance is ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com