Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-C08EXS40 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-C08EXS40
Description  LED HIGH POWER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C08EXS40 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-C08EXS40 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
03
LED HIGH POWER
C08 Product Series
BNC-OD-C131/A4
Created Date : 03/08/2013
Revison : 0.3, 05/08/2013
2.
Outline Dimensions
2.1 Form Factor of C08
 LTPL-C08DXXXX
 LTPL-C08EXXXX
Notes
1.
All dimensions are in millimeters and dimension tolerances are ± 0.2mm except lens height and ceramic length /
width dimension tolerance are ± 0.1mm.
2.
Thermal pad of the device is electrically neutral from the anode and cathode pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com