Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND128R3A0AV6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # NAND128R3A0AV6E
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128R3A0AV6E Datasheet(HTML) 1 Page - STMicroelectronics

  NAND128R3A0AV6E Datasheet HTML 1Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 2Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 3Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 4Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 5Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 6Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 7Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 8Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1/57
February 2005
NAND128-A, NAND256-A
NAND512-A, NAND01G-A
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16)
528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
FEATURES SUMMARY
■
HIGH DENSITY NAND FLASH MEMORIES
–
Up to 1 Gbit memory array
–
Up to 32 Mbit spare area
–
Cost effective solutions for mass storage
applications
■
NAND INTERFACE
–
x8 or x16 bus width
–
Multiplexed Address/ Data
–
Pinout compatibility for all densities
■
SUPPLY VOLTAGE
–
1.8V device: VDD = 1.7 to 1.95V
–
3.0V device: VDD = 2.7 to 3.6V
■
PAGE SIZE
–
x8 device: (512 + 16 spare) Bytes
–
x16 device: (256 + 8 spare) Words
■
BLOCK SIZE
–
x8 device: (16K + 512 spare) Bytes
–
x16 device: (8K + 256 spare) Words
■
PAGE READ / PROGRAM
–
Random access: 12µs (max)
–
Sequential access: 50ns (min)
–
Page program time: 200µs (typ)
■
COPY BACK PROGRAM MODE
–
Fast page copy without external buffering
■
FAST BLOCK ERASE
–
Block erase time: 2ms (Typ)
■
STATUS REGISTER
■
ELECTRONIC SIGNATURE
■
CHIP ENABLE ‘DON’T CARE’ OPTION
–
Simple interface with microcontroller
■
SERIAL NUMBER OPTION
■
HARDWARE DATA PROTECTION
–
Program/Erase locked during Power
transitions
Figure 1. Packages
■
DATA INTEGRITY
–
100,000 Program/Erase cycles
–
10 years Data Retention
■
RoHS COMPLIANCE
–
Lead-Free Components are Compliant
with the RoHS Directive
■
DEVELOPMENT TOOLS
–
Error Correction Code software and
hardware models
–
Bad Blocks Management and Wear
Leveling algorithms
–
File System OS Native reference software
–
Hardware simulation models
TSOP48 12 x 20mm
VFBGA55 8 x 10 x 1mm
TFBGA55 8 x 10 x 1.2mm
VFBGA63 9 x 11 x 1mm
TFBGA63 9 x 11 x 1.2mm
FBGA
USOP48 12 x 17 x 0.65mm


Similar Part No. - NAND128R3A0AV6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GAH0AZA5E NUMONYX-NAND16GAH0AZA5E Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0AZA5F NUMONYX-NAND16GAH0AZA5F Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0D NUMONYX-NAND16GAH0D Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5E NUMONYX-NAND16GAH0DZA5E Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5F NUMONYX-NAND16GAH0DZA5F Datasheet
2Mb / 116P
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
More results

Similar Description - NAND128R3A0AV6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
31-Jan-2006
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
30-May-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
24-Aug-2006
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
08-Feb-2007
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com