Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND128R3A0AV6E Datasheet(PDF) 46 Page - STMicroelectronics

Part # NAND128R3A0AV6E
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128R3A0AV6E Datasheet(HTML) 46 Page - STMicroelectronics

Back Button NAND128R3A0AV6E Datasheet HTML 42Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 43Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 44Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 45Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 46Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 47Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 48Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 49Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
46/57
Ready/Busy Signal Electrical Characteristics
Figures 35, 34 and 36 show the electrical charac-
teristics for the Ready/Busy signal. The value re-
quired for the resistor RP can be calculated using
the following equation:
So,
where IL is the sum of the input currents of all the
devices tied to the Ready/Busy signal. RP max is
determined by the maximum value of tr.
Figure 34. Ready/Busy AC Waveform
Figure 35. Ready/Busy Load Circuit
Figure 36. Resistor Value Versus Waveform Timings For Ready/Busy Signal
Note: T = 25°C.
RPmin
VDDmax VOLmax
–
()
IOL
IL
+
------------------------------------------------------------
=
RPmin 1.8V
()
1.85V
3mA
IL
+
---------------------------
=
RPmin 3V
()
3.2V
8mA
IL
+
---------------------------
=
AI07564B
busy
VOH
ready VDD
VOL
tf
tr
AI07563B
RP
VDD
VSS
RB
DEVICE
Open Drain Output
ibusy
ai07565B
RP (KΩ)
12
3
4
100
300
200
1
2
3
1.7
0.85
30
1.7
1.7
1.7
1.7
tr
tf
ibusy
0
400
4
RP (KΩ)
12
3
4
100
300
200
1
2
3
2.4
1.2
0.8
0.6
100
200
300
400
3.6
3.6
3.6
3.6
0
400
4
VDD = 1.8V, CL = 30pF
VDD = 3.3V, CL = 100pF
60
90
120
0.57
0.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com