Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND128R3A0AV6E Datasheet(PDF) 38 Page - STMicroelectronics

Part # NAND128R3A0AV6E
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128R3A0AV6E Datasheet(HTML) 38 Page - STMicroelectronics

Back Button NAND128R3A0AV6E Datasheet HTML 34Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 35Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 36Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 37Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 38Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 39Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 40Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 41Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
38/57
Table 21. AC Characteristics for Operations
Note: 1. The time to Ready depends on the value of the pull-up resistor tied to the Ready/Busy pin. See Figures 34, 35 and 36.
2. To break the sequential read cycle, E must be held High for longer than tEHEL.
3. ES = Electronic Signature.
Symbol
Alt.
Symbol
Parameter
1.8V
Devices
3V
Devices
Unit
tALLRL1
tAR
Address Latch Low to
Read Enable Low
Read Electronic Signature
Min
10
10
ns
tALLRL2
Read cycle
Min
10
10
ns
tBHRL
tRR
Ready/Busy High to Read Enable Low
Min
20
20
ns
tBLBH1
Ready/Busy Low to
Ready/Busy High
Read Busy time, 128Mb, 256Mb,
512Mb Dual Die
Max
12
12
µs
Read Busy time, 512Mb, 1Gb
Max
15
12
µs
tBLBH2
tPROG
Program Busy time
Max
500
500
µs
tBLBH3
tBERS
Erase Busy time
Max
3
3
ms
tBLBH4
Reset Busy time, during ready
Max
5
5
µs
tWHBH1
tRST
Write Enable High to
Ready/Busy High
Reset Busy time, during read
Max
5
5
µs
Reset Busy time, during program
Max
10
10
µs
Reset Busy time, during erase
Max
500
500
µs
tCLLRL
tCLR
Command Latch Low to Read Enable Low
Min
10
10
ns
tDZRL
tIR
Data Hi-Z to Read Enable Low
Min
0
0
ns
tEHBH
tCRY
Chip Enable High to Ready/Busy High (E intercepted read)
Max
60 + tr
(1)
60 + tr
(1)
ns
tEHEL
tCEH
Chip Enable High to Chip Enable Low(2)
Min
100
100
ns
tEHQZ
tCHZ
Chip Enable High to Output Hi-Z
Max
20
20
ns
tELQV
tCEA
Chip Enable Low to Output Valid
Max
45
45
ns
tRHBL
tRB
Read Enable High to Ready/Busy Low
Max
100
100
ns
tRHRL
tREH
Read Enable High to
Read Enable Low
Read Enable High Hold time
Min
15
15
ns
tRHQZ
tRHZ
Read Enable High to Output Hi-Z
Min
15
15
ns
Max
30
30
tRLRH
tRP
Read Enable Low to
Read Enable High
Read Enable Pulse Width
Min
30
30
ns
tRLRL
tRC
Read Enable Low to
Read Enable Low
Read Cycle time
Min
60
50
ns
tRLQV
tREA
Read Enable Low to
Output Valid
Read Enable Access time
Max
35
35
ns
Read ES Access time(3)
tWHBH
tR
Write Enable High to
Ready/Busy High
Read Busy time, 128Mb, 256Mb,
512Mb Dual Die
Max
12
12
µs
Read Busy time, 512Mb, 1Gb
Max
15
12
µs
tWHBL
tWB
Write Enable High to Ready/Busy Low
Max
100
100
ns
tWHRL
tWHR
Write Enable High to Read Enable Low
Min
80
60
ns
tWLWL
tWC
Write Enable Low to
Write Enable Low
Write Cycle time
Min
60
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com