Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND128R3A0AV6E Datasheet(PDF) 44 Page - STMicroelectronics

Part # NAND128R3A0AV6E
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128R3A0AV6E Datasheet(HTML) 44 Page - STMicroelectronics

Back Button NAND128R3A0AV6E Datasheet HTML 40Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 41Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 42Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 43Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 44Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 45Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 46Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 47Page - STMicroelectronics NAND128R3A0AV6E Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
44/57
Figure 31. Page Program AC Waveform
Note: Address cycle 4 is only required for 512Mb and 1Gb devices.
CL
E
W
AL
R
I/O
RB
SR0
ai08037
N
Last
10h
70h
80h
Page Program
Setup Code
Confirm
Code
Read Status Register
tWLWL
tWLWL
tWLWL
tWHBL
tBLBH2
Page
Program
Address Input
Data Input
Add.N
cycle 1
Add.N
cycle 4
Add.N
cycle 3
Add.N
cycle 2
(Write Cycle time)
(Program Busy time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com