Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC31RF80IRMP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 1 Page - Texas Instruments

  ADC31RF80IRMP Datasheet HTML 1Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 2Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 3Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 4Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 5Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 6Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 7Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 8Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
ADC
ADC
ADC
INP,
INM
SYSREFP,
SYSREFM
CLKINP,
CLKINM
PLL
65
Buffer
D[1:0]P,
D[1:0]M
D[3:2]P,
D[3:2]M
GPIO[4:1]
N
NCO
CTRL
SYNCBP,
SYNCBM
FOVR
NCO
NCO
ADC
Digital Block
(Interleave
Correction
Power
Detection)
Copyright © 2017, Texas Instruments Incorporated
Clock
Divider
SPI
and
Control
CM
N
RESET
SCLK
SDATA
SEN
PDN
SDO
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADC31RF80
SBAS860 – AUGUST 2017
ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
1
1 Features
1
•
14-Bit, 3-GSPS ADC
•
Noise Floor: –155 dBFS/Hz
•
RF Input Supports Up To 4.0 GHz
•
Aperture Jitter: 90 fS
•
Spectral Performance (fIN = 900 MHz, –2 dBFS):
–
SNR: 61.4 dBFS
–
SFDR: 71-dBc HD2, HD3
–
SFDR: 76-dBc Worst Spur
•
Spectral Performance (fIN = 1.85 GHz, –2 dBFS):
–
SNR: 58.5 dBFS
–
SFDR: 65-dBc HD2, HD3
–
SFDR: 75-dBc Worst Spur
•
On-Chip Digital Down-Converters:
–
Up to 2 DDCs (Dual-Band Mode)
–
Up to 3 Independent NCOs per DDC
•
On-Chip Input Clamp for Overvoltage Protection
•
Programmable On-Chip Power Detectors With
Alarm Pins for AGC Support
•
On-Chip Dither
•
On-Chip Input Termination
•
Input Full-Scale: 1.35 VPP
•
Support for Multi-Chip Synchronization
•
JESD204B Interface:
–
Subclass 1-Based Deterministic Latency
–
4 Lanes Support at 12.5 Gbps
•
Total Power Dissipation: 3.2 W at 3.0 GSPS
•
72-Pin VQFN Package (10 mm × 10 mm)
2 Applications
•
Multi-Carrier GSM Cellular Infrastructure Base
Stations
•
Telecommunications Receivers
•
DPD Observation Receivers
•
Backhaul Receivers
•
RF Repeaters and Distributed Antenna Systems
3 Description
The ADC31RF80 device is a 14-bit, 3-GSPS, single-
channel telecom receiver and feedback device that
supports RF sampling with input frequencies up to
4 GHz and beyond. Designed for high signal-to-noise
ratio (SNR), the ADC31RF80 delivers a noise
spectral density of –155 dBFS/Hz as well as dynamic
range over a large input frequency range. The
buffered
analog
input
with
on-chip
termination
provides uniform input impedance across a wide
frequency range and minimizes sample-and-hold
glitch energy.
The ADC31RF80 comes with a dual-band, digital
down-converter (DDC) with up to three independent,
16-bit numerically-controlled oscillators (NCOs) per
DDC
for
phase-coherent
frequency
hopping.
Additionally, the ADC is equipped with front-end peak
and RMS power detectors and alarm functions to
support
external
automatic
gain
control
(AGC)
algorithms.
The ADC31RF80 supports the JESD204B serial
interface with subclass 1-based deterministic latency
using data rates up to 12.5 Gbps with up to four
lanes. The device is offered in a 72-pin VQFN
package (10 mm × 10 mm) and supports the
industrial temperature range (–40°C to +85°C).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC31RF80
VQFN (72)
10.00 mm × 10.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Block Diagram


Similar Part No. - ADC31RF80IRMP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC31RF80IRMP TI2-ADC31RF80IRMP Datasheet
8Mb / 142P
ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
AUGUST 2017
ADC31RF80IRMP.A TI2-ADC31RF80IRMP.A Datasheet
8Mb / 142P
ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
AUGUST 2017
ADC31RF80IRMPT TI2-ADC31RF80IRMPT Datasheet
8Mb / 142P
ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
AUGUST 2017
ADC31RF80IRMPT.A TI2-ADC31RF80IRMPT.A Datasheet
8Mb / 142P
ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
AUGUST 2017
ADC31RF80IRMPTG4 TI2-ADC31RF80IRMPTG4 Datasheet
8Mb / 142P
ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
AUGUST 2017
More results

Similar Description - ADC31RF80IRMP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
Single 12-Bit 750Msps Receiver and Feedback IC
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com