Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 97Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 98Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 99Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 100Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 101Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 102Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 103Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 104Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 151 page
background image
ST72F324L, ST72324BL
101/151
10-BIT A/D CONVERTER (ADC) (Cont’d)
10.6.3 Functional Description
The conversion is monotonic, meaning that the re-
sult never decreases if the analog input does not
and never increases if the analog input does not.
If the input voltage (VAIN) is greater than VAREF
(high-level voltage reference) then the conversion
result is FFh in the ADCDRH register and 03h in
the ADCDRL register (without overflow indication).
If the input voltage (VAIN) is lower than VSSA (low-
level voltage reference) then the conversion result
in the ADCDRH and ADCDRL registers is 00 00h.
The A/D converter is linear and the digital result of
the conversion is stored in the ADCDRH and AD-
CDRL registers. The accuracy of the conversion is
described in the Electrical Characteristics Section.
RAIN is the maximum recommended impedance
for an analog input signal. If the impedance is too
high, this will result in a loss of accuracy due to
leakage and sampling not being completed in the
alloted time.
10.6.3.1 A/D Converter Configuration
The analog input ports must be configured as in-
put, no pull-up, no interrupt. Refer to the «I/O
ports» chapter. Using these pins as analog inputs
does not affect the ability of the port to be read as
a logic input.
In the ADCCSR register:
– Select the CS[3:0] bits to assign the analog
channel to convert.
10.6.3.2 Starting the Conversion
In the ADCCSR register:
– Set the ADON bit to enable the A/D converter
and to start the conversion. From this time on,
the ADC performs a continuous conversion of
the selected channel.
When a conversion is complete:
– The EOC bit is set by hardware.
– The result is in the ADCDR registers.
A read to the ADCDRH resets the EOC bit.
To read the 10 bits, perform the following steps:
1. Poll the EOC bit
2. Read the ADCDRL register
3. Read the ADCDRH register. This clears EOC
automatically.
Note: The data is not latched, so both the low and
the high data register must be read before the next
conversion is complete, so it is recommended to
disable interrupts while reading the conversion re-
sult.
To read only 8 bits, perform the following steps:
1. Poll the EOC bit
2. Read the ADCDRH register. This clears EOC
automatically.
10.6.3.3 Changing the conversion channel
The application can change channels during con-
version. When software modifies the CH[3:0] bits
in the ADCCSR register, the current conversion is
stopped, the EOC bit is cleared, and the A/D con-
verter starts converting the newly selected chan-
nel.
10.6.4 Low Power Modes
Note: The A/D converter may be disabled by re-
setting the ADON bit. This feature allows reduced
power consumption when no conversion is need-
ed.
10.6.5 Interrupts
None.
Mode
Description
WAIT
No effect on A/D Converter
HALT
A/D Converter disabled.
After wakeup from Halt mode, the A/D
Converter requires a stabilization time
tSTAB (see Electrical Characteristics)
before accurate conversions can be
performed.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com