Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 27Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 28Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 29Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 30Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 31Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 32Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 33Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 34Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 151 page
background image
ST72F324L, ST72324BL
31/151
Figure 17. External Interrupt Control bits
IS10
IS11
EICR
SENSITIVITY
CONTROL
PBOR.3
PBDDR.3
IPB BIT
PB3
ei2 INTERRUPT SOURCE
PORT B [3:0] INTERRUPTS
PB3
PB2
PB1
PB0
IS10
IS11
EICR
SENSITIVITY
CONTROL
PBOR.7
PBDDR.7
PB7
ei3 INTERRUPT SOURCE
PORT B [7:4] INTERRUPTS
PB7
PB6
PB5
PB4
IS20
IS21
EICR
SENSITIVITY
CONTROL
PAOR.3
PADDR.3
IPA BIT
PA3
ei0 INTERRUPT SOURCE
PORT A3 INTERRUPT
IS20
IS21
EICR
SENSITIVITY
CONTROL
PFOR.2
PFDDR.2
PF2
ei1 INTERRUPT SOURCE
PORT F [2:0] INTERRUPTS
PF2
PF1
PF0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com