Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 29Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 30Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 31Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 32Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 33Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 34Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 35Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 36Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 151 page
background image
ST72F324L, ST72324BL
33/151
INTERRUPTS (Cont’d)
Table 9. Nested Interrupts Register Map and Reset Values
Address
(Hex.)
Register
Label
76543
210
0024h
ISPR0
Reset Value
ei1
ei0
MCC
I1_3
1
I0_3
1
I1_2
1
I0_2
1
I1_1
1
I0_1
111
0025h
ISPR1
Reset Value
SPI
ei3
ei2
I1_7
1
I0_7
1
I1_6
1
I0_6
1
I1_5
1
I0_5
1
I1_4
1
I0_4
1
0026h
ISPR2
Reset Value
SCI
TIMER B
TIMER A
I1_11
1
I0_11
1
I1_10
1
I0_10
1
I1_9
1
I0_9
1
I1_8
1
I0_8
1
0027h
ISPR3
Reset Value
1111
I1_13
1
I0_13
1
I1_12
1
I0_12
1
0028h
EICR
Reset Value
IS11
0
IS10
0
IPB
0
IS21
0
IS20
0
IPA
0
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com