Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 47Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 48Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 49Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 50Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 51Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 52Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 53Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 54Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 151 page
background image
ST72F324L, ST72324BL
51/151
MAIN CLOCK CONTROLLER WITH REAL TIME CLOCK (Cont’d)
10.2.5 Low Power Modes
10.2.6 Interrupts
The MCC/RTC interrupt event generates an inter-
rupt if the OIE bit of the MCCSR register is set and
the interrupt mask in the CC register is not active
(RIM instruction).
Note:
The MCC/RTC interrupt wakes up the MCU from
ACTIVE-HALT mode, not from HALT mode.
10.2.7 Register Description
MCC CONTROL/STATUS REGISTER (MCCSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = MCO Main clock out selection
This bit enables the MCO alternate function on the
PF0 I/O port. It is set and cleared by software.
0: MCO alternate function disabled (I/O pin free for
general-purpose I/O)
1: MCO alternate function enabled (fCPU on I/O
port)
Note: To reduce power consumption, the MCO
function is not active in ACTIVE-HALT mode.
Bit 6:5 = CP[1:0] CPU clock prescaler
These bits select the CPU clock prescaler which is
applied in the different slow modes. Their action is
conditioned by the setting of the SMS bit. These
two bits are set and cleared by software
Bit 4 = SMS Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU = fOSC2
1: Slow mode. fCPU is given by CP1, CP0
See Section 8.2 SLOW MODE and Section 10.2
MAIN CLOCK CONTROLLER WITH REAL TIME
CLOCK AND BEEPER (MCC/RTC) for more de-
tails.
Bit 3:2 = TB[1:0] Time base control
These bits select the programmable divider time
base. They are set and cleared by software.
A modification of the time base is taken into ac-
count at the end of the current period (previously
set) to avoid an unwanted time shift. This allows to
use this time base as a real time clock.
Bit 1 = OIE Oscillator interrupt enable
This bit set and cleared by software.
0: Oscillator interrupt disabled
1: Oscillator interrupt enabled
This interrupt can be used to exit from ACTIVE-
HALT mode.
When this bit is set, calling the ST7 software HALT
instruction enters the ACTIVE-HALT power saving
mode.
Mode
Description
WAIT
No effect on MCC/RTC peripheral.
MCC/RTC interrupt cause the device to exit
from WAIT mode.
ACTIVE-
HALT
No effect on MCC/RTC counter (OIE bit is
set), the registers are frozen.
MCC/RTC interrupt cause the device to exit
from ACTIVE-HALT mode.
HALT
MCC/RTC counter and registers are frozen.
MCC/RTC operation resumes when the
MCU is woken up by an interrupt with “exit
from HALT” capability.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Time base overflow
event
OIF
OIE
Yes
No 1)
70
MCO
CP1
CP0
SMS
TB1
TB0
OIE
OIF
fCPU in SLOW mode
CP1
CP0
fOSC2 / 2
0
0
fOSC2 / 4
0
1
fOSC2 / 8
1
0
fOSC2 / 16
1
1
Counter
Prescaler
Time Base
TB1
TB0
fOSC2 =4MHz fOSC2=8MHz
16000
4ms
2ms
0
0
32000
8ms
4ms
0
1
80000
20ms
10ms
1
0
200000
50ms
25ms
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com