Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 30Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 31Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 32Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 33Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 34Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 35Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 36Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 37Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 151 page
background image
ST72F324L, ST72324BL
34/151
8 POWER SAVING MODES
8.1 INTRODUCTION
To give a large measure of flexibility to the applica-
tion in terms of power consumption, four main
power saving modes are implemented in the ST7
(see Figure 18): SLOW, WAIT (SLOW WAIT), AC-
TIVE HALT and HALT.
After a RESET the normal operating mode is se-
lected by default (RUN mode). This mode drives
the device (CPU and embedded peripherals) by
means of a master clock which is based on the
main oscillator frequency divided or multiplied by 2
(fOSC2).
From RUN mode, the different power saving
modes may be selected by setting the relevant
register bits or by calling the specific ST7 software
instruction whose action depends on the oscillator
status.
Figure 18. Power Saving Mode Transitions
8.2 SLOW MODE
This mode has two targets:
– To reduce power consumption by decreasing the
internal clock in the device,
– To adapt the internal clock frequency (fCPU) to
the available supply voltage.
SLOW mode is controlled by three bits in the
MCCSR register: the SMS bit which enables or
disables Slow mode and two CPx bits which select
the internal slow frequency (fCPU).
In this mode, the master clock frequency (fOSC2)
can be divided by 2, 4, 8 or 16. The CPU and pe-
ripherals are clocked at this lower frequency
(fCPU).
Note: SLOW-WAIT mode is activated when enter-
ing the WAIT mode while the device is already in
SLOW mode.
Figure 19. SLOW Mode Clock Transitions
POWER CONSUMPTION
WAIT
SLOW
RUN
ACTIVE HALT
High
Low
SLOW WAIT
HALT
00
01
SMS
CP1:0
fCPU
NEW SLOW
NORMAL RUN MODE
FREQUENCY
REQUEST
REQUEST
fOSC2
fOSC2/2
fOSC2/4
fOSC2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com