Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLDF35P06 Datasheet(PDF) 4 Page - Shenzhen hui lida electronic co., LTD

Part # HLDF35P06
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUILIDA [Shenzhen hui lida electronic co., LTD]
Direct Link  http://www.hldic.com/
Logo HUILIDA - Shenzhen hui lida electronic co., LTD

HLDF35P06 Datasheet(HTML) 4 Page - Shenzhen hui lida electronic co., LTD

  HLDF35P06 Datasheet HTML 1Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 2Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 3Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 4Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 5Page - Shenzhen hui lida electronic co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HLDF35P06
2017 . 202 . V1.0
Page 4
www.hldic.com
Crss
F=1.0MHz
Ciss
Coss
9
13
17
P-Ch 60V Fast Switching MOSFETs
10000
100.00
10.00
1000
1.00
100
0.10
10
1
5
D
-V
n to S
rce V
(V) 21
25
0.01
0.1
1
-V 10(V)
100
1000
DS rai
ou
oltage
DS
Fig.7 Capacitance
1
DUTY=0.5
Fig.8 Safe Operating Area
0.3
0.1
0.1
0.05
0.02
PDM
TON
0.01
T
D = TON/T
SINGLE PULSE
0.01
TJpeak = TC + PDM x θJC
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Waveform
100us
1ms
10ms
100ms
DC
Tc=25
oC
Single Pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com