Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLDF35P06 Datasheet(PDF) 1 Page - Shenzhen hui lida electronic co., LTD

Part # HLDF35P06
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUILIDA [Shenzhen hui lida electronic co., LTD]
Direct Link  http://www.hldic.com/
Logo HUILIDA - Shenzhen hui lida electronic co., LTD

HLDF35P06 Datasheet(HTML) 1 Page - Shenzhen hui lida electronic co., LTD

  HLDF35P06 Datasheet HTML 1Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 2Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 3Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 4Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 5Page - Shenzhen hui lida electronic co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HLDF35P06
2017 . 202 . V1.0
Page 1
www.hldic.com
Marking and pin assignment
P-Channel MOSFET
P-Channel Enhancement Mode Power MOSFET
Description
The HLDD35P06 uses advanced trench technology
and design to provide excellent RDS(ON) with low gate
charge. It can be used in a wide variety of applications.
Application
Powerswitchingapplication
Hard switched and highfrequencycircuits
Uninterruptiblepowersupply
Features
VDS =-60V,ID =-35A
RDS(ON)<25mΩ@VGS=10V
Low gatecharge.
Greendeviceavailable.
AdvancedhighcelldenitytrenchtechnologyforultraRDS(ON).
Excellentpackageforgoodheatdissipation.
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-35
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-27
A
Pulsed Drain Current
IDM
-70
A
Maximum Power Dissipation
PD
52 .1
W
Derating factor
0.87
W/℃
Single pulse avalanche energy
(Note 5)
EAS
162
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
2.4
℃/W


Similar Part No. - HLDF35P06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
HLDF35P06 KERSEMI-HLDF35P06 Datasheet
372Kb / 5P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HLDF35P06

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com