Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLDF35P06 Datasheet(PDF) 2 Page - Shenzhen hui lida electronic co., LTD

Part # HLDF35P06
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUILIDA [Shenzhen hui lida electronic co., LTD]
Direct Link  http://www.hldic.com/
Logo HUILIDA - Shenzhen hui lida electronic co., LTD

HLDF35P06 Datasheet(HTML) 2 Page - Shenzhen hui lida electronic co., LTD

  HLDF35P06 Datasheet HTML 1Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 2Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 3Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 4Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 5Page - Shenzhen hui lida electronic co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HLDF35P06
2017 . 202 . V1.0
Page 2
www.hldic.com
Package Marking and Ordering Information
Part NO.
Marking
Package
HLDF35P06
F35P06
TO-220F
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID
=250μA
-60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=48V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID
=250μA
-1.0
-1.6
-2.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=18A
-
20
25
mΩ
VGS=4.5V, ID=12A
26
33
Forward Transconductance
gFS
VDS=10V,ID=20A
-
23
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
VDS=15V,VGS=0V,
F=1.0MHz
-
3635
-
PF
Output Capacitance
Coss
-
224
-
PF
Reverse Transfer Capacitance
Crss
-
141
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
VDD=15V,ID=1A,
RG
=3.3Ω
-
38
-
nS
Turn-on Rise Time
tr
-
23.6
-
nS
Turn-Off Delay Time
td(off)
-
100
-
nS
Turn-Off Fall Time
tf
-
6.8
-
nS
Total Gate Charge
Qg
VDS=20V,ID=12A
, VGS=4.5V
-
25
nC
Gate-Source Charge
Qgs
-
6.7
nC
Gate-Drain Charge
Qgd
-
5.5
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=1A
-
-1
V
Diode Forward Current
(Note 2)
IS
-
-
-35
A
Reverse Recovery Time
trr
TJ = 25°C, IF = 40A
di/dt = 100A/μs(Note3)
-
-
-
nS
Reverse Recovery Charge
Qrr
-
-
-
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating:Pulsewidthlimited bymaximum junction temperature.
2. Surface Mounted on FR4 Board, t
≤ 10se c.
3. Pulse Test: PulseW idth
≤ 300μs, DutyCycle ≤2% .
4. Guaranteed by design, not subject toproduction
5. EAS condition : VDD=-25V,VGS=-10V,L=0.1mH,IAS=-47.6A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com