Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLDF35P06 Datasheet(PDF) 3 Page - Shenzhen hui lida electronic co., LTD

Part # HLDF35P06
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUILIDA [Shenzhen hui lida electronic co., LTD]
Direct Link  http://www.hldic.com/
Logo HUILIDA - Shenzhen hui lida electronic co., LTD

HLDF35P06 Datasheet(HTML) 3 Page - Shenzhen hui lida electronic co., LTD

  HLDF35P06 Datasheet HTML 1Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 2Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 3Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 4Page - Shenzhen hui lida electronic co., LTD HLDF35P06 Datasheet HTML 5Page - Shenzhen hui lida electronic co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HLDF35P06
2017 . 202 . V1.0
Page 3
www.hldic.com
VGS=-4.5V
VGS=-3V
VGS=-10V
VGS=-7V
VGS=-5V
TJ=150℃
TJ=25℃
Typical Characteristics
P-Ch 60V Fast Switching MOSFETs
12
30
10
28
8
26
6
24
4
2
22
0
20
0
0.25
0.5
0.75
1
2
-VDS Drain-to-Source Voltage (V)
4
6
8
10
-VGS (V)
12
10
10
8
8
6
6
4
4
2
2
0
0.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
0
0
20
40
60
QG , Total Gate Charge (nC)
1.5
1
0.5
2.0
1.5
1.0
0
-50
0
50
100
150
TJ ,Junction Temperature ( ℃)
0.5
-50
0
50
100
150
TJ , Junction Temperature (℃)
Fig.6 Normalized RDSON v.s TJ
Fig.5 Normalized VGS(th) v.s TJ
Fig.4 Gate-Charge Characteristics
Fig.3 Forward Characteristics Of Reverse
Fig.2 On-Resistance v.s Gate-Source
Fig.1 Typical Output Characteristics
ID=-12A
VDS=-20V
ID=-12A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com