Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SUD20 Datasheet(PDF) 17 Page - ON Semiconductor

Part # AR0238CSSC12SUD20
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SUD20 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AR0238CSSC12SUD20 Datasheet HTML 13Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 14Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 15Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 16Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 17Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 18Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 19Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 20Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AR0238
www.onsemi.com
17
Table 6. Two−Wire Serial Bus Characteristics
fEXTCLK = 27 MHz; VDD = 1.8 V; VDD_IO = 2.8 V; VAA = 2.8 V; VAA_PIX = 2.8 V; VDD_PLL = 2.8 V; TA = 25°C
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0
100
0
400
KHz
Hold time (repeated) START condition. After this period, the first
clock pulse is generated
tHD;STA
4.0
−
0.6
−
ms
LOW period of the SCLK clock
tLOW
4.7
−
1.3
−
ms
HIGH period of the SCLK clock
tHIGH
4.0
−
0.6
−
ms
Set−up time for a repeated START
condition
tSU;STA
4.7
−
0.6
−
ms
Data hold time
tHD;DAT
0
(Note 11)
3.45
(Note 12)
0 (Note 13)
0.9
(Note 12)
ms
Data set−up time
tSU;DAT
250
−
100 (Note 13)
−
ns
Rise time of both SDATA and SCLK signals
tr
−
1000
20 + 0.1Cb
(Note 14)
300
ns
Fall time of both SDATA and SCLK signals
tf
−
300
20 + 0.1Cb
(Note 14)
300
ns
Set−up time for STOP condition
tSU;STO
4.0
−
0.6
−
ms
Bus free time between a STOP and START condition
tBUF
4.7
−
1.3
−
ms
Capacitive load for each bus line
Cb
−
400
−
400
pF
Serial interface input pin capacitance
CIN_SI
−
3.3
−
3.3
pF
SDATA max load capacitance
CLOAD_SD
−
30
−
30
pF
SDATA pull−up resistor
RSD
1.5
4.7
1.5
4.7
kW
8. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
9. Two−wire control is I2C−compatible.
10.All values referred to VIHmin = 0.9 VDD and VILmax = 0.1 VDD levels. Sensor EXCLK = 27 MHz.
11. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of SCLK.
12.The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
13.A Fast−mode I2C−bus device can be used in a Standard−mode I2C−bus system, but the requirement tSU;DAT 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCLK signal. If such a device does stretch the LOW
period of the SCLK signal, it must output the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the
Standard−mode I2C−bus specification) before the SCLK line is released.
14.Cb = total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com