Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SUD20 Datasheet(PDF) 23 Page - ON Semiconductor

Part # AR0238CSSC12SUD20
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SUD20 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AR0238CSSC12SUD20 Datasheet HTML 18Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 19Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 20Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 21Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 22Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 23Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 24Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 25Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AR0238
www.onsemi.com
23
POWER−ON RESET AND STANDBY TIMING
POWER−UP SEQUENCE
The recommended power−up sequence for the AR0238 is
shown in Figure 14. The available power supplies
(VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA,
VAA_PIX) must have the separation specified below.
1. Turn on VDD_PLL power supply.
2. After 100
ms, turn on VAA and VAA_PIX power
supply.
3. 3. After 100
ms, turn on VDD_IO power supply.
4. After 100
ms, turn on VDD power supply.
5. After 100
ms, turn on VDD_SLVS power supply.
6. After the last power supply is stable, enable
EXTCLK.
7. Assert RESET_BAR for at least 1 ms. The parallel
interface will be tri−stated during this time.
8. Wait 150000 EXTCLKs (for internal initialization
into software standby.
9. Configure PLL, output, and image settings to
desired values.
10. Wait 1ms for the PLL to lock.
11. Set streaming mode (R0x301a[2] = 1).
EXTCLK
VDD_SLVS (0.4)
VAA_PIX
VAA (2.8)
VDD_IO (1.8/2.8)
VDD (1.8)
VDD_PLL (2.8)
t0
t1
t2
t3
t4
t5
t6
tX
Hard
Reset
Internal
Initialization
Software
Standby
PLL Lock
Streaming
RESET_BAR
Figure 14. Power Up
Table 19. POWER−UP SEQUENCE
Definition
Symbol
Min
Typ
Max
Unit
VDD_PLL to VAA/VAA_PIX (Note 17)
t0
0
100
–
ms
VAA/VAA_PIX to VDD_IO
t1
0
100
–
ms
VDD_IO to VDD
t2
0
100
–
ms
VDD to VDD_SLVS
t3
0
100
–
ms
Xtal settle time
tx
–
30
(Note 15)
–
ms
Hard Reset
t4
1
(Note 16)
–
–
ms
Internal Initialization
t5
150000
–
–
EXTCLK
s
PLL Lock Time
t6
1
–
–
ms
15.Xtal settling time is component−dependent, usually taking about 10 – 100 ms.
16.Hard reset time is the minimum time required after power rails are settled. In a circuit where Hard reset is held down by RC circuit, then the
RC time must include the all power rail settle time and Xtal settle time.
17.It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered before or at least at the same time as the
others. If the case happens that VDD_PLL is powered after other supplies then sensor may have functionality issues and will experience
high current draw on this supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com