Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SUD20 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AR0238CSSC12SUD20
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SUD20 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AR0238CSSC12SUD20 Datasheet HTML 14Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 15Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 16Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 17Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 18Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 19Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 20Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 21Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AR0238
www.onsemi.com
18
I/O TIMING
By default, the AR0238 launches pixel data, FV, and LV
with the falling edge of PIXCLK. The expectation is that the
user captures DOUT[11:0], FV, and LV using the rising edge
of PIXCLK.
See Figure 13 below and Table 7 on page 18 for I/O
timing (AC) characteristics.
EXTCLK
PIXCLK
Data[11:0]
LINE_VALID/
FRAME_VALID
Pxl_0
Pxl_1
Pxl_2
Pxl_n
tPFL
tPLL
tFP
tRP
tF
tR
90%
90%
90%
90%
10%
10%
10%
10%
tEXTCLK
tPD
tPLH
tPFH
FRAME_VALID Leads LINE_VALID
by 6 PIXCLKs
FRAME_VALID Trails LINE_VALID
by 6 PIXCLKs
Figure 13. I/O Timing Diagram
Table 7. I/O TIMING CHARACTERISTICS
Symbol
Definition
Condition
Min
Typ
Max
Unit
fEXTCLK1s
Input Clock Frequency
6
–
48
MHz
tEXTCLK1
Input Clock Period
20.8
–
166
ns
tR
Input Clock Rise Time
–
3
–
ns
tF
Input Clock Fall Time
–
3
–
ns
tRP
Pixclk Rise Time
2
3.5
5
ns
tFP
Pixclk Fall Time
2
3.5
5
ns
Clock Duty Cycle
45
50
55
%
tCP
EXTCLK to PIXCLK Propagation Delay
Nominal Voltages,
PLL Disabled
10
14
18
ns
fPIXCLK
PIXCLK Frequency
Default, Nominal
Voltages
6
–
74.25
MHz
tPD
PIXCLK to Data Valid
Default, Nominal
Voltages
0
2.5
5
ns
tPFH
PIXCLK to FV HIGH
Default, Nominal
Voltages
−2
3
6
ns
tPLH
PIXCLK to LV HIGH
Default, Nominal
Voltages
−2
3
6
ns
tPFL
PIXCLK to FV LOW
Default, Nominal
Voltages
−2
2.5
6
ns
tPLL
PIXCLK to LV LOW
Default, Nominal
Voltages
−2
2.5
6
ns
CLOAD
Output Load Capacitance
–
<10
–
pF
CIN
Input Pin Capacitance
–
2.5
–
pF
NOTE: I/O timing characteristics are measured under the following conditions:
− Temperature is 25°C ambient
− 10 pF load
− 1.8 V I/O supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com