Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SUD20 Datasheet(PDF) 20 Page - ON Semiconductor

Part # AR0238CSSC12SUD20
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SUD20 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AR0238CSSC12SUD20 Datasheet HTML 16Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 17Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 18Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 19Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 20Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 21Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 22Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 23Page - ON Semiconductor AR0238CSSC12SUD20 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AR0238
www.onsemi.com
20
Table 10. 1080p30 LINEAR 74 MHZ PARALLEL 2.8 V
(Operating currents are measured in mA at the following conditions: VAA = VAA_PIX = VDD_PLL = VDD_IO = 2.8 V; VDD = 1.8 V; PLL
Enabled and PIXCLK = 74.25 MHz; Low power mode enabled; TA = 25°C)
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
20
34
50
mA
I/O Digital Operating Current
Streaming 1080p30
IDD_IO
2.8
15
28
50
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
5.5
6.4
7
mA
Power
138.2
238.72
409.2
mW
Table 11. 1080p30 LINEAR 74 MHZ PARALLEL 1.8 V
(Operating currents are measured in mA at the following conditions: VAA = VAA_PIX = VDD_PLL = 2.8 V; VDD = VDD_IO = 1.8 V; PLL
Enabled and PIXCLK = 74.25 MHz; Low power mode enabled; TA = 25°C Dark Image, 8× Analog Gain, HCG, 20 ms integration time)
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
20
34
50
mA
I/O Digital Operating Current
Streaming 1080p30
IDD_IO
1.8
10
14
30
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
5.5
6.4
7
mA
Power
114.2
185.52
323.2
mW
Table 12. 1080p30 LINEAR 74 MHZ HISPI SLVS
(Operating currents are measured in mA at the following conditions: VAA = VAA_PIX = VDD_PLL = 2.8 V; VDD = VDD_IO = 1.8 V;
VDD_SLVS = 0.4 V; PLL Enabled and PIXCLK = 74.25 MHz; 4−lane HiSPi mode; Low power mode enabled; TA = 25°C Dark Image,
8× Analog Gain, HCG, 20 ms integration time)
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
25
44
65
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.5
8.5
mA
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
0.4
6
9.5
14
mA
Power
109
185.2
306
mW
Table 13. 1080p30 LINEAR 74 MHZ HISPI HIVCM
(Operating currents are measured in mA at the following conditions: VAA = VAA_PIX = VDD_PLL = 2.8 V; VDD = VDD_IO = VDD_SLVS =
1.8 V; PLL Enabled and PIXCLK = 74.25 MHz; 4−lane HiSPi mode; Low power mode enabled; TA = 25°C Dark Image, 8× Analog Gain,
HCG, 20 ms integration time)
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
25
44
65
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.5
8.5
mA
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
1.8
12
20
35
mA
Power
128.2
217.4
363.4
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com