Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 129Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 130Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 131Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 132Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 133Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 134Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 135Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 136Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 131
PIC16F7X
FIGURE 15-10:
PARALLEL SLAVE PORT TIMING (PIC16F74/77 DEVICES ONLY)
TABLE 15-6:
PARALLEL SLAVE PORT REQUIREMENTS (PIC16F74/77 DEVICES ONLY)
Note: Refer to Figure 15-3 for load conditions.
RE2/CS
RE0/RD
RE1/WR
RD7:RD0
62
63
64
65
Parameter
No.
Symbol
Characteristic
Min Typ† Max Units
Conditions
62
TdtV2wrH Data in valid before WR
↑ or CS↑ (setup time)
20
25
—
—
—
—
ns
ns
Extended range
only
63*
TwrH2dtI
WR
↑ or CS↑ to data in invalid
(hold time)
Standard(F)20
——
ns
Extended(LF)35
——
ns
64
TrdL2dtV
RD
↓ and CS↓ to data out valid
—
—
—
—
80
90
ns
ns
Extended range
only
65
TrdH2dtI
RD
↑ or CS↓ to data out invalid
10
—
30
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com