Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 133Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 134Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 135Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 136Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 137Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 138Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 139Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 140Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 135
PIC16F7X
TABLE 15-8:
I2C BUS START/STOP BITS REQUIREMENTS
FIGURE 15-16:
I2C BUS DATA TIMING
Param
No.
Symbol
Characteristic
Min
Typ
Max Units
Conditions
90*
TSU:STA
START condition
100 kHz mode
4700
——
ns
Only relevant for Repeated
START condition
Setup time
400 kHz mode
600
——
91*
THD:STA
START condition
100 kHz mode
4000
——
ns
After this period, the first clock
pulse is generated
Hold time
400 kHz mode
600
——
92*
TSU:STO
STOP condition
100 kHz mode
4700
——
ns
Setup time
400 kHz mode
600
——
93
THD:STO
STOP condition
100 kHz mode
4000
——
ns
Hold time
400 kHz mode
600
——
*
These parameters are characterized but not tested.
Note: Refer to Figure 15-3 for load conditions.
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com