Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 137Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 138Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 139Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 140Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 141Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 142Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 143Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 144Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 139
PIC16F7X
FIGURE 15-19:
A/D CONVERSION TIMING
TABLE 15-13: A/D CONVERSION REQUIREMENTS
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(TOSC/2)(1)
7
6
5
432
1
0
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the SLEEP instruction
to be executed.
1 TCY
134
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
130
TAD
A/D clock period
PIC16F7X
1.6
——
µsTOSC based, VREF ≥ 3.0V
PIC16LF7X
2.0
——
µsTOSC based,
2.0V
≤ VREF ≤ 5.5V
PIC16F7X
2.0
4.0
6.0
µs A/D RC mode
PIC16LF7X
3.0
6.0
9.0
µs A/D RC mode
131
TCNV Conversion time (not including
S/H time) (Note 1)
9
—
9TAD
132
TACQ Acquisition time
5*
——
µs The minimum time is the
amplifier settling time. This
may be used if the “new” input
voltage has not changed by
more than 1 LSb (i.e.,
20.0 mV @ 5.12V) from the
last sampled voltage (as
stated on CHOLD).
134
TGO
Q4 to A/D clock start
—
TOSC/2
——
If the A/D clock source is
selected as RC, a time of TCY
is added before the A/D clock
starts. This allows the SLEEP
instruction to be executed.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: ADRES register may be read on the following TCY cycle.
2: See Section 11.1 for minimum conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com