Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet (PDF) - Midas Components

MPBV6 Datasheet PDF - Midas Components
Part # MPBV6
Download  MPBV6 Download
File Size   1009.3 Kbytes
Page   25 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description TFT Module

MPBV6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPBV6 Datasheet PDF - Midas Components

Part # MPBV6
Download  MPBV6 Click to download

File Size   1009.3 Kbytes
Page   25 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description TFT Module

MPBV6 Datasheet (HTML) - Midas Components


MPBV6 Product details

Display Features
Display Size 2.40”
Resolution 800 x 480
Orientation Landscape
Appearance RGB
Logic Voltage 3.3V
Interface RGB
Brightness 1100 cd/m2
Touchscreen ---
Module Size 58.00 x 41.30 x 2.58mm
Operating Temperature -20°C ~ +70°C
Pinout
Pitch
40 way FFC
0.5mm




Similar Part No. - MPBV6

ManufacturerPart #DatasheetDescription
logo
Midas Components
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
2Mb / 4P
OLED Module
Version: 3 07/06/2017
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
2Mb / 18P
OLED Module
Version: 1 04/06/2016
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
1Mb / 18P
OLED Module
Version: 1 04/06/2016
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
1Mb / 7P
TFT Module
Version: 2 13/10/2021
MPBV6 MIDASDISPLAYS-MPBV6 Datasheet
1Mb / 7P
TFT Module
Version: 1 02/02/2018
More results


Similar Description - MPBV6

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
TFT LCD MODULE
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
TFT MODULE
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
TFT-LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
TFT - LCD module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com