Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 5 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 5 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Input terminal Pin Assignment
NO.
SYMBOL
DISCRIPTION
I/O
1
VLED-
Cathode pin OF backlight
P
2
VLED+
Anode pin of backlight
P
3
GND
Ground.
P
4
VDD
Supply voltage(3.3V).
P
5
R0
Red data input.
I/O
6
R1
Red data input.
I/O
7
R2
Red data input.
I/O
8
R3
Red data input.
I/O
9
R4
Red data input.
I/O
10
R5
Red data input.
I/O
11
R6
Red data input.
I/O
12
R7
Red data input.
I/O
13
G0
Green data input.
I/O
14
G1
Green data input.
I/O
15
G2
Green data input.
I/O
16
G3
Green data input.
I/O
17
G4
Green data input.
I/O
18
G5
Green data input.
I/O
19
G6
Green data input.
I/O
20
G7
Green data input.
I/O
21
B0
Blue data input.
I/O
22
B1
Blue data input.
I/O
23
B2
Blue data input.
I/O
24
B3
Blue data input.
I/O
25
B4
Blue data input.
I/O
Page 5 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com