Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 2 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 2 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
* Description
This is a color active matrix LTPS LCD using Low Temperature Poly-silicon TFT‘ s (Thin Film Transistors) as
an active switching devices. This module is composed of a Transmissive type LTPS-LCD Panel, driver circuit,
back-light unit. The resolution of a 2.4"LTPS-LCD contains 800X480 pixels, and can display up to 16.7M
colors.
* Features
General Information
Items
Specification
Unit
Note
Main Panel
Display area(AA)
52.32(H)*31.392(V) (2.4 inch)
mm
Driver element
TFT active matrix
-
Display colors
16.7M
colors
Number of pixels
800(RGB)*480
dots
Pixel arrangement
RGB vertical stripe
-
Pixel pitch
0.0218(H)*0.0654(V)
mm
Viewing angle
Free
o'clock
Controller IC
HX8283-A
-
LCM Interface
18/24BIT RGB
-
Display mode
Transmissive /Normally Black
-
Operating temperature
-20~+70
℃
Storage temperature
-30~+80
℃
* Mechanical Information
Item
Min.
Typ.
Max.
Unit
Note
Module
size
Horizontal(H)
-
58.00
-
mm
Vertical(V)
-
41.30
-
mm
Depth(D)
-
2.58
--
Weight
-
15
-
g
Page 2 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com