Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 23 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 23 Page - Midas Components

Back Button MPBV6 Datasheet HTML 17Page - Midas Components MPBV6 Datasheet HTML 18Page - Midas Components MPBV6 Datasheet HTML 19Page - Midas Components MPBV6 Datasheet HTML 20Page - Midas Components MPBV6 Datasheet HTML 21Page - Midas Components MPBV6 Datasheet HTML 22Page - Midas Components MPBV6 Datasheet HTML 23Page - Midas Components MPBV6 Datasheet HTML 24Page - Midas Components MPBV6 Datasheet HTML 25Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
4.0
Line defect (LCD
/Polarizer backlight
black/white line,
scratch, stain)
N:Count
Width(mm)
Length(m
m)
Acceptable Qty
A
B
C
Φ≤0.03
Ignore
Ignore
Ignore
0.03<W≤0.04
L≤3.0
N≤2
0.04<W≤0.05
L≤2.0
N≤1
W>0.05
Define as spot defect
5.0
Electronic Componen
ts SMT.
Not allow missing parts,solderless connection,cold solder joint,mi
smatch,The positive and negative polarity opposite
6.0
Display color& Brigh
tness.
1. Color:Measuring the color coordinates, The measurement standa
rd according to the datasheet or samples.
2. Brightness:Measuring the brightness of White screen, The meas
urement standard according to the datasheet or Samples.
7.0
LCD Mura/Waving/
Hot spot
Not visible through 5% ND filter in 50% gray or judge by limit sampl
e if necessary.
Criteria ( functional items)
Number
1
2
3
4
Items
No display
Missing segment
Short
Backlight no lighting
Criteria (mm)
Not allowed
Not allowed
Not allowed
Not allowed
Page 23 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com