Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 24 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 24 Page - Midas Components

Back Button MPBV6 Datasheet HTML 17Page - Midas Components MPBV6 Datasheet HTML 18Page - Midas Components MPBV6 Datasheet HTML 19Page - Midas Components MPBV6 Datasheet HTML 20Page - Midas Components MPBV6 Datasheet HTML 21Page - Midas Components MPBV6 Datasheet HTML 22Page - Midas Components MPBV6 Datasheet HTML 23Page - Midas Components MPBV6 Datasheet HTML 24Page - Midas Components MPBV6 Datasheet HTML 25Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Reliability Test Result
Remark:
1.The test samples should be applied to only one test item.
2.Sample size for each test item is 5~10pcs.
3.For Damp Proof Test, Pure water(Resistance>10MΩ) should be used.
4.In case of malfunction defect caused by ESD damage, if it would be recovered to normal state after resetting, it would be
judged as a good part.
5.Failure Judgment Criterion: Basic Specification, Electrical Characteristic, Mechanical Characteristic, Optical Characteristic.
6. The color fading mura of polarizing filter should not care.
Item
Condition
Inspection after test
High Temperature Operating
70
℃,96HR
Inspection after 2~4hours
storage at room temperature,
the sample shall be free from
defects:
1.Air bubble in the LCD;
2.Non-display;
3.Missing segments/line;
4.Glass crack;
5.Current IDD is twice higher
than initial value.
Low Temperature Operating
-20
℃, 96HR
High Temperature Storage
80
℃, 96HR
Low Temperature Storage
-30
℃, 96HR
High Temperature & High
Humidity Operating
+60
℃, 90% RH ,96 hours.
Thermal Shock (Non-operation)
-30
℃,30 min ↔ +80℃,30 min,
Change time:5min 20CYC.
ESD test
C=150pF, R=330,5points/panel
Air:±8KV, 5times; Contact:±6KV, 5 times;
(Environment: 15
℃~35℃, 30%~60%).
Vibration (Non-operation)
Frequency range:10~55Hz, Stroke:1.5mm
Sweep:10Hz~55Hz~10Hz 2 hours for each direction of
X.Y.Z. (6 hours for total) (Package condition).
Box Drop Test
1 Corner 3 Edges 6 faces,80㎝(MEDIUM BOX)
Page 24 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com