Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 21 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 21 Page - Midas Components

Back Button MPBV6 Datasheet HTML 17Page - Midas Components MPBV6 Datasheet HTML 18Page - Midas Components MPBV6 Datasheet HTML 19Page - Midas Components MPBV6 Datasheet HTML 20Page - Midas Components MPBV6 Datasheet HTML 21Page - Midas Components MPBV6 Datasheet HTML 22Page - Midas Components MPBV6 Datasheet HTML 23Page - Midas Components MPBV6 Datasheet HTML 24Page - Midas Components MPBV6 Datasheet HTML 25Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
2.0
Spot defect
Y
X
Φ=(X+Y)/2
① light dot( black/white spot , pinhole, stain,etc.)
Zone
Size (mm)
Acceptable Qty
A
B
C
Φ≤0.15
Ignore
Ignore
0.15<Φ≤0.25
3(distance≧6mm)
0.25<Φ≤0.4
2(distance≧6mm)
Φ>0.4
0
② Dim spot(light leakage、dent、dark spot,etc)
Zone
Size (mm)
Acceptable Qty
A
B
C
Φ≤0.15
Ignore
Ignore
0.15<Φ≤0.25
3( distance≧6mm)
0.25<Φ≤0.4
2( distance≧6mm)
Φ>0.4
0
③
Polarizer accidented spot
Zone
Size (mm)
Acceptable Qty
A
B
C
Φ≤0.2
Ignore
Ignore
0.2<Φ≤0.5
2( distance≧6mm)
Φ>0.5
0
④
Polarizer Bubble
Zone
Size (mm)
Acceptable Qty
A
B
C
Φ≤0.2
Ignore
Ignore
0.2<Φ≤0.4
3(distance≧6mm)
Φ
>0.4
0
Page 21 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com