Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 10 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 10 Page - Midas Components

Back Button MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components MPBV6 Datasheet HTML 10Page - Midas Components MPBV6 Datasheet HTML 11Page - Midas Components MPBV6 Datasheet HTML 12Page - Midas Components MPBV6 Datasheet HTML 13Page - Midas Components MPBV6 Datasheet HTML 14Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical Characteristics
1
. Absolute Maximum Rating
Characteristics
Symbol
Min.
Max.
Unit
Note
Digital Supply Voltage
VCI
-0.3
4.0
V
Note1
Operating temperature
TOP
-20
+70
℃
Storage temperature
TST
-30
+80
℃
NOTE1: If the absolute maximum rating of even is one of the above parameters is exceeded even momentarily,
the quality of the product may be degraded. Absolute maximum ratings, therefore, specify the values
exceeding which the product may be physically damaged. Be sure to use the product within the range
of the absolute maximum ratings.
2
. DC Electrical Characteristics
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Note
Digital Supply Voltage
VCI
3.0
3.3
3.6
V
Normal mode Current
consumption
IDD
--
28
50
mA
Level input voltage
VIH
0.7*VCI
--
VCI
V
VIL
GND
--
0.3*VCI
V
Level output voltage
VOH
0.8*VCI
--
VCI
V
VOL
GND
--
GND+0.4
V
Page 10 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com