Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 7 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 7 Page - Midas Components

Back Button MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components MPBV6 Datasheet HTML 10Page - Midas Components MPBV6 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LCD Optical Characteristics
1. Optical specification
Item
Symbol
Condition
Min.
Typ.
Max.
Unit.
Note
Contrast Ratio
CR
Θ=0
Normal viewing
angle
800
1000
--
(1)(2)
Response time
Rising
TR+TF
--
40
45
msec
(1)(3)
Falling
Color Gamut
S(%)
40
45
--
%
Color Filter
Chromacicity
White
WX
-0.04
0.3208
+0.04
CA-
310
test
WY
0.3581
Red
RX
0.5876
RY
0.3523
Green
GX
0.3504
GY
0.5637
Blue
BX
0.1578
BY
0.1253
Viewing angle
Hor.
ΘL
CR>10
70
80
--
(1)(4)
ΘR
70
80
--
Ver.
ΘU
70
80
--
ΘD
70
80
--
Option View Direction
Free
Measuring Condition
Measuring surrounding : dark room
Ambient temperature : 25±2℃
15min. warm-up time.
Measuring Equipment
FPM520 of Westar Display technologies, INC., which utilized SR-3 for Chromaticity and BM-5A for other optical
characteristics.
Note (1): Definition of Viewing Angle :
Page 7 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com