Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1710 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1710
Description  Ultra Low Quiescent Current LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1710 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1710 Datasheet HTML 1Page - Microchip Technology MCP1710 Datasheet HTML 2Page - Microchip Technology MCP1710 Datasheet HTML 3Page - Microchip Technology MCP1710 Datasheet HTML 4Page - Microchip Technology MCP1710 Datasheet HTML 5Page - Microchip Technology MCP1710 Datasheet HTML 6Page - Microchip Technology MCP1710 Datasheet HTML 7Page - Microchip Technology MCP1710 Datasheet HTML 8Page - Microchip Technology MCP1710 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2012-2015 Microchip Technology Inc.
DS20005158D-page 3
MCP1710
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
I
nput voltage, VIN ................................................................................................................................................6.0V
Maximum voltage on any pin – GND ..................................................................................................... 0.3V to 6.0V
Output short-circuit duration............................................................................................ ............................Unlimited
Storage temperature ....................................................................................................................... -65°C to +150°C
Maximum junction temperature, TJ ................................................................................................................+150°C
Operating junction temperature, TJ....................................................................................................-40°C to +85°C
ESD protection on all pins (HBM) ................................................................................................................... ≥ 2kV
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN =VR +800 mV (Note 1), IOUT =1 mA, CIN =COUT =2.2 µF
(X7R Ceramic), TA =+25°C. Boldface type applies for junction temperatures TJ of -40°C to +85°C (Note 4).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Operating Voltage
VIN
2.7
5.5
V
2.5
5.5
VVR <2.5V
Output Voltage Range
VOUT
1.2
4.2
V
Input Quiescent Current
IQ
—20
nA
VIN = 2.5V to 5.5V,
IOUT =0
Input Quiescent Current
for SHDN Mode
ISHDN
0.1
nA
SHDN =GND
Maximum Continuous
Output Current
IOUT
——
200
mA
VR ≤ 3.5V
——
100
mA
VR  3.5V
Current Limit
IOUT
—250
mA
VOUT =0.9 x VR,
VR ≤ 3.5V
—175
mA
VOUT =0.9 x VR,
VR  3.5V
Output Voltage Regulation
VOUT
VR –4%
VR +4%
VVR <1.8V (Note 2)
VR –2%
VR +2%
VVR ≥ 1.8V (Note 2)
Line Regulation
VOUT/
(VOUT x VIN)
—0.5
4
%VIN = VIN(Min) to 5.5V,
VR ≥ 1.8V, IOUT =50 mA
(Note 1)
——
4
%VIN = VIN(Min) to 5.5V,
VR < 1.8V, IOUT =50mA
(Note 1)
Note 1:
The minimum VIN must meet two conditions: VIN  VIN(Min) and VIN  VR  VDROPOUT(Max).
2:
VR is the nominal regulator output voltage. VR = 1.2V, 2.5V, etc.
3:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 3%
below its nominal value that was measured with an input voltage of VIN =VOUT(Max) +VDROPOUT(Max).
4:
The junction temperature is approximated by soaking the device under test at an ambient temperature
equal to the desired junction temperature. The test time is small enough such that the rise in the junction
temperature over the ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com