Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1710 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1710
Description  Ultra Low Quiescent Current LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1710 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1710 Datasheet HTML 2Page - Microchip Technology MCP1710 Datasheet HTML 3Page - Microchip Technology MCP1710 Datasheet HTML 4Page - Microchip Technology MCP1710 Datasheet HTML 5Page - Microchip Technology MCP1710 Datasheet HTML 6Page - Microchip Technology MCP1710 Datasheet HTML 7Page - Microchip Technology MCP1710 Datasheet HTML 8Page - Microchip Technology MCP1710 Datasheet HTML 9Page - Microchip Technology MCP1710 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCP1710
DS20005158D-page 6
 2012-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, COUT = 2.2 µF Ceramic (X7R), CIN = 2.2 µF Ceramic (X7R), IOUT =1 mA,
Temperature = +25°C, VIN =VR + 0.8V, SHDN =1 M pull-up to VIN.
FIGURE 2-7:
Dropout Voltage vs. Load
Current (VR =2.5V).
FIGURE 2-8:
Dropout Voltage vs. Load
Current (VR =4.2V).
FIGURE 2-9:
Noise vs. Frequency.
FIGURE 2-10:
Power Supply Ripple
Rejection vs. Frequency (VR =1.2V).
FIGURE 2-11:
Power Supply Ripple
Rejection vs. Frequency (VR =2.5V).
FIGURE 2-12:
Power Supply Ripple
Rejection vs. Frequency (VR =4.2V).
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
20406080
100
Load Current (mA)
T
J = +85°C
T
J = -40°C
T
J = +25°C
V
OUT = 2.5V
0.08
0.10
0.12
0.14
0.16
0.18
0.20
T
J = +85°C
T
J = -40°C
T
J = +25°C
V
OUT = 4.2V
0.00
0.02
0.04
0.06
0
20406080
100
Load Current (mA)
VIN = 5.2V
VOUT = 4.2V
IOUT = 50 mA
0.1
1
10
VIN = 3.5V
VOUT = 2.5V
IOUT = 50 mA
VIN = 2.8V
VOUT = 1.8V
IOUT = 50 mA
Frequency (kHz)
0.01
0.1
0.01
0.1
1
10
100
1000
-60
-50
-40
-30
-20
-10
0
10
V
IN = 2.5V
I
OUT = 10 mA
-100
-90
-80
-70
0.01
0.1
1
10
100
1000
Frequency (kHz)
-60
-50
-40
-30
-20
-10
0
10
V
IN = 3.5V
I
OUT = 10 mA
-100
-90
-80
-70
0.01
0.1
1
10
100
1000
Frequency (kHz)
-60
-50
-40
-30
-20
-10
0
10
V
IN = 5.2V
I
OUT = 10 mA
-100
-90
-80
-70
0.01
0.1
1
10
100
1000
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com