Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1710 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1710
Description  Ultra Low Quiescent Current LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1710 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1710 Datasheet HTML 11Page - Microchip Technology MCP1710 Datasheet HTML 12Page - Microchip Technology MCP1710 Datasheet HTML 13Page - Microchip Technology MCP1710 Datasheet HTML 14Page - Microchip Technology MCP1710 Datasheet HTML 15Page - Microchip Technology MCP1710 Datasheet HTML 16Page - Microchip Technology MCP1710 Datasheet HTML 17Page - Microchip Technology MCP1710 Datasheet HTML 18Page - Microchip Technology MCP1710 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2012-2015 Microchip Technology Inc.
DS20005158D-page 15
MCP1710
5.0
APPLICATION
CIRCUITS/ISSUES
5.1
Typical Application
The MCP1710 is used for applications that require ultra
low quiescent current draw.
FIGURE 5-1:
Typical Application Circuit.
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1710 is a
function of input voltage, output voltage, output current
and quiescent current. Equation 5-1 can be used to
calculate the internal power dissipation for the LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1710 as a
result of quiescent or ground current. The power
dissipation as a result of the ground current can be
calculated using Equation 5-2:
EQUATION 5-2:
The total power dissipated within the MCP1710 is the
sum of the power dissipated in the LDO pass device
and the P(IGND) term. Because of the CMOS
construction, the typical IGND for the MCP1710 is
200 µA at full load. Operating at a maximum VIN of 5.5V
results in a power dissipation of 1.1 mW. For most
applications, this is small compared to the LDO pass
device power dissipation and can be neglected.
The maximum continuous operating junction tempera-
ture specified for the MCP1710 is +85°C. To estimate the
internal junction temperature of the MCP1710, the total
internal power dissipation is multiplied by the thermal
resistance from junction-to-ambient (R
JA) of the device.
The thermal resistance from junction-to-ambient for the
2 x 2 VDFN-8 package is estimated at 73.1°C/W.
EQUATION 5-3:
The maximum power dissipation capability for a
package
can
be
calculated
given
the
junction-to-ambient thermal resistance and the maxi-
mum ambient temperature for the application.
Equation 5-4 can be used to determine the package
maximum internal power dissipation.
EQUATION 5-4:
VIN
VOUT
FB
GND
CIN
COUT
SHDN
+
-
PLDO
VIN MAX

VOUT MIN

 I
OUT MAX

=
Where:
PLDO = Internal power dissipation of the
LDO pass device
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
IOUT(MAX) = Maximum output current
PIGND

VIN MAX

IGND
=
Where:
PI(GND) = Power dissipation due to the
quiescent current of the LDO
VIN(MAX) = Maximum input voltage
IGND = Current flowing in the GND pin
TJMAX

PTOTAL RJA
TAMAX

+
=
Where:
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total power dissipation of the device
R
JA = Thermal resistance from junction to
ambient
TA(MAX) = Maximum ambient temperature
PDMAX

TJMAX

TAMAX


R
JA
---------------------------------------------------
=
Where:
PD(MAX) = Maximum power dissipation of the
device
TJ(MAX) = Maximum continuous junction
temperature
TA(MAX) = Maximum ambient temperature
R
JA = Thermal resistance from
junction-to-ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com