Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1710 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1710
Description  Ultra Low Quiescent Current LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1710 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1710 Datasheet HTML 12Page - Microchip Technology MCP1710 Datasheet HTML 13Page - Microchip Technology MCP1710 Datasheet HTML 14Page - Microchip Technology MCP1710 Datasheet HTML 15Page - Microchip Technology MCP1710 Datasheet HTML 16Page - Microchip Technology MCP1710 Datasheet HTML 17Page - Microchip Technology MCP1710 Datasheet HTML 18Page - Microchip Technology MCP1710 Datasheet HTML 19Page - Microchip Technology MCP1710 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MCP1710
DS20005158D-page 16
 2012-2015 Microchip Technology Inc.
EQUATION 5-5:
EQUATION 5-6:
5.3
Typical Application Examples
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
are calculated in the following example. The power
dissipation, as a result of ground current, is small
enough to be neglected.
5.3.1
POWER DISSIPATION EXAMPLES
EXAMPLE 5-1:
5.3.1.1
Device Junction Temperature Rise
The internal junction temperature rise is a function of
internal power dissipation and the thermal resistance,
from junction-to-ambient, for the application. The
thermal resistance, from junction-to-ambient (R
JA), is
derived from the EIA/JEDEC standards for measuring
thermal resistance. The EIA/JEDEC specification is
JESD51. The standard describes the test method and
board specifications for measuring the thermal
resistance from junction-to-ambient. The actual ther-
mal resistance for a particular application can vary
depending on many factors, such as copper area and
thickness. Refer to AN792, “A Method to Determine
How Much Power a SOT23 Can Dissipate in an Appli-
cation” (DS00792), for more information regarding this
subject.
EXAMPLE 5-2:
5.3.1.2
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below:
EXAMPLE 5-3:
5.3.1.3
Maximum Package Power
Dissipation at +60°C Ambient
Temperature
EXAMPLE 5-4:
Package
Package Type = 2 x 2 VDFN-8
Input Voltage
VIN =3.3V ± 5%
LDO Output Voltage and Current
VOUT =2.5V
IOUT =200 mA
Maximum Ambient Temperature
TA(MAX) =+60°C
Internal Power Dissipation
PLDO(MAX) =(VIN(MAX) – VOUT(MIN))x IOUT(MAX)
PLDO = ((3.3V x 1.05) – (2.5V x 0.975))
x200 mA
PLDO = 0.206 Watts
TJRISE

PDMAX

R
JA
=
TJ(RISE) = Rise in the device’s junction
temperature over the ambient
temperature
PD(MAX) = Maximum power dissipation of the
device
R
JA = Thermal resistance from
junction-to-ambient
TJ
TJRISE

TA
+
=
TJ = Junction temperature
TJ(RISE) = Rise in the device’s junction
temperature over the ambient
temperature
TA = Ambient temperature
TJ(RISE) =PTOTAL xRJA
TJ(RISE) = 0.206W x 73.1°C/W
TJ(RISE) =15.1°C
TJ =TJ(RISE) +TA(MAX)
TJ = 15.1°C + 60.0°C
TJ =75.1°C
2x2 VDFN-8 (73.1°C/W R
JA):
PD(MAX) = (85°C – 60°C)/73.1°C/W
PD(MAX) = 0.342W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com