Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1710 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1710
Description  Ultra Low Quiescent Current LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1710 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1710 Datasheet HTML 1Page - Microchip Technology MCP1710 Datasheet HTML 2Page - Microchip Technology MCP1710 Datasheet HTML 3Page - Microchip Technology MCP1710 Datasheet HTML 4Page - Microchip Technology MCP1710 Datasheet HTML 5Page - Microchip Technology MCP1710 Datasheet HTML 6Page - Microchip Technology MCP1710 Datasheet HTML 7Page - Microchip Technology MCP1710 Datasheet HTML 8Page - Microchip Technology MCP1710 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2012-2015 Microchip Technology Inc.
DS20005158D-page 5
MCP1710
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, COUT = 2.2 µF Ceramic (X7R), CIN = 2.2 µF Ceramic (X7R), IOUT =1 mA,
Temperature = +25°C, VIN =VR + 0.8V, SHDN =1 M pull-up to VIN.
FIGURE 2-1:
Output Voltage vs. Input
Voltage (VR =1.2V).
FIGURE 2-2:
Output Voltage vs. Input
Voltage (VR =2.5V).
FIGURE 2-3:
Output Voltage vs. Input
Voltage (VR =4.2V).
FIGURE 2-4:
Output Voltage vs. Load
Current (VR =1.2V).
FIGURE 2-5:
Output Voltage vs. Load
Current (VR =2.5V).
FIGURE 2-6:
Output Voltage vs. Load
Current (VR =4.2V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1.210
1.215
1.220
1.225
1.230
1.235
1.240
T
J = +25°C
I
OUT = 0.1 mA
T
J = -40°C
1.195
1.200
1.205
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
T
J = +85°C
2.500
2.502
2.504
2.506
2.508
2.510
T
J = +25°C
I
OUT = 0.1 mA
T
J = -40°C
2.494
2.496
2.498
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
T
J = +85°C
4.240
4.244
4.248
4.252
T
J = -40°C
T
85°C
T
J = +25°C
I
OUT = 0.1 mA
4.232
4.236
4.50
4.75
5.00
5.25
5.50
Input Voltage (V)
T
J = +85°C
1 180
1.185
1.190
1.195
1.200
1.205
T
J = +25°C
T
J = +85°C
V
IN = 2.5V
1.170
1.175
1.180
0
50
100
150
200
Load Current (mA)
T
J = -40°C
2.4950
2.4975
2.5000
2.5025
T
J = +25°C
T
J = +85°C
V
IN = 3.3V
T
J = -40°C
2.4900
2.4925
0
20406080
100
Load Current (mA)
4.21
4.22
4.23
4.24
4.25
TJ = +25°C
T
J = +85°C
V
IN = 4.15V
T
J = -40°C
4.19
4.20
0
20406080
100
Load Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com