| Electronic Components Datasheet Search |
|
BLUENRG-2 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-2 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 190 page ![]() BlueNRG-2 Description DocID030675 Rev 2 11/190 1 Description The BlueNRG-2 is a very low power Bluetooth low energy (BLE) single-mode system-on- chip, compliant with Bluetooth specification. The BlueNRG-2 extends the features of award-winning BlueNRG network processor, enabling the usage of the embedded Cortex M0 for running the user application code. The BlueNRG-2 includes 256 kB of programming Flash memory, 24 kB of static RAM memory with retention (two 12 kB banks) and SPI, UART, I²C standard communication interface peripherals. It also features multifunction timers, watchdog, RTC and DMA controller. An ADC is available for interfacing with analog sensors, and for reading the measurement of the integrated battery monitor. A digital filter is available for processing a PDM stream. The BlueNRG-2 offers the same excellent RF performance of the BlueNRG radio, and the integrated high efficiency DC/DC converter keeps the same ultra-low power characteristics, but the BlueNRG-2 improves the BlueNRG sleep mode current consumption allowing a further increase in the battery lifetime of the applications. Figure 1: BlueNRG-2 architecture RF AFE LDOs Rcosc Xosc Modulation Demodulation Blue Cortex-M0 DMA AHB Bus matrix 3x Masters 7x Slaves Flash Controller 12KB SRAM Switchable 12KB SRAM always On AHB2APB bridge PKA 1KB SRAM RNG 256KB Flash Array 14,15 or 26x GPIOs SPI UART 2x I2C 2x MFT Watchdog RTC CRMU (Clock and Reset Management Unit) ADC IF AUX ADC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |