Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL2100-DS00-R Datasheet(PDF) 17 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 17 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 21Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Fault Propagation
Page 9
ones followed by a zero). When the AL2100 receives the far-end fault signal, it is notified by the far-end station that a
transmit-fault occurred. The device goes into a link-down state, and takes the following actions:
Puts the TXP and TXN pins in high-impedance mode
De-asserts the DATA_OFF signal
The data transmission is assumed by the backup AL2100, and starts sending copies of the signals. Upon re-establishment
of the primary fiber, DATA_OFF is asserted, and the backup data link is turned off.
LED INDICATORS
LED Output
All the LED pins in the AL2100 are multifunction I/Os. Their input is used in the reset-read operation for the secondary
definition. All LED pins have internal pull-ups. The ON output value depends on the reset-read value of the LED pin. When
the reset-read value is high, the default for all LED pins, the ON output value is low. When the reset read value is low, the
ON output value is high.
Default LED formats are given in Table 2.
These LEDs can be configured into different modes. To configure the LEDs to work with other operation mode other than
default mode, see ”LED Configuration” on page 10.
The AL2100 also support the following LEDs:
LED4_FDX: default defined as full-duplex of auto-negotiation resulting on the TP port.
LED_FX_SD: signal detects on Fiber PHY. This LED set by hardware pin 45 cannot be programmable.
LED_TX_SD: receiving energy detects on the TP port. This LED is set by hardware pin 19, and cannot be
programmable
Table 2: LED Formats
LED
Format
LED0
RxAct_TP (Blink)
LED1
Link_TP (ON)
LED2
RxAct_FX (Blink)
LED3
Link_FX (ON) / Remote_Fault (Blink)
LED4
DUPLEX_TP (ON)
Note
LED connections and the source/sink current depend on the default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com