Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP5901-IPM Datasheet(PDF) 14 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 14 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 10Page - Linear Technology LTP5901-IPM Datasheet HTML 11Page - Linear Technology LTP5901-IPM Datasheet HTML 12Page - Linear Technology LTP5901-IPM Datasheet HTML 13Page - Linear Technology LTP5901-IPM Datasheet HTML 14Page - Linear Technology LTP5901-IPM Datasheet HTML 15Page - Linear Technology LTP5901-IPM Datasheet HTML 16Page - Linear Technology LTP5901-IPM Datasheet HTML 17Page - Linear Technology LTP5901-IPM Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
14
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: ESD (electrostatic discharge) sensitive device. ESD protection
devices are used extensively internal to Eterna. However, high electrostatic
discharge can damage or degrade the device. Use proper ESD handling
precautions.
Note 3: Extended storage at high temperature is discouraged, as this
negatively affects the data retention of Eterna’s calibration data. See the
FLASH Data Retention section for details.
Note 4: Actual RF range is subject to a number of installation-specific
variables including, but not restricted to ambient temperature, relative
humidity, presence of active interference sources, line-of-sight obstacles,
and near-presence of objects (for example, trees, walls, signage, and so
on) that may induce multipath fading. As a result, range varies.
Note 5: As Specified by IEEE Std. 802.15.4-2006: Wireless Medium
Access Control (MAC) and Physical Layer (PHY) Specifications for Low-
Rate Wireless Personal Area Networks (LR-WPANs) http://standards.ieee.
org/findstds/standard/802.15.4-2011.html.
Note 6: IEEE Std. 802.15.4-2006 requires transmitters to maintain a
frequency tolerance of better than ±40 ppm.
Note 7: Per-pin I/O types are provided in the Pin Functions section.
Note 8: VIH maximum voltage input must respect the VSUPPLY maximum
voltage specification.
Note 9: The analog inputs to the ADC can be modeled as a series resistor
to a capacitor. At a minimum the entire circuit, including the source
impedance for the signal driving the analog input should be designed
to settle to within ¼ LSB within the sampling window to match the
performance of the ADC.
Note 10: See the SmartMesh IP Mote API Guide for the time indication
notification definition.
Note 11: Network time accuracy is a statistical measure and varies over
the temperature range, reporting rate and the location of the device
relative to the manager in the network. See the Typical Performance
Characteristics section for a more detailed description.
Note 12: Code execution from flash banks being written or erased is
suspended until completion of the flash operation.
Note 13: Guaranteed by design. Not production tested.
Figure 8. 1-Wire Master Timing
Flash spi slave ac characTerisTics
tBIT_PERIOD
tLOW1
tLOWR
tRSTL
tPS
tBIT_PERIOD
tLOW0
tBIT_PERIOD
tRS
59012ipm F08
1-WIRE
1-WIRE
1-WIRE
1-WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com