Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP5901-IPM Datasheet(PDF) 31 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 31 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 27Page - Linear Technology LTP5901-IPM Datasheet HTML 28Page - Linear Technology LTP5901-IPM Datasheet HTML 29Page - Linear Technology LTP5901-IPM Datasheet HTML 30Page - Linear Technology LTP5901-IPM Datasheet HTML 31Page - Linear Technology LTP5901-IPM Datasheet HTML 32Page - Linear Technology LTP5901-IPM Datasheet HTML 33Page - Linear Technology LTP5901-IPM Datasheet HTML 34Page - Linear Technology LTP5901-IPM Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
31
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
applicaTions inForMaTion
MODES OF OPERATION
The SmartMesh IP Mote software can be operated in three
distinct modes, namely, namely Slave, Master, and On-
Chip SDK. Mode selection should be considered during
thearchitecture/designphaseofthedevelopmentprocess.
Slave Mode
In Slave mode, the Eterna is connected to an external
microprocessor through the API UART and is solely used
as a networking device. None of the built in I/Os are ac-
cessible in this mode. Refer to the SmartMesh IP User's
Guide for more detailed information.
Master Mode
In Master mode, no external µProcessor is required and a
limited set of functionality is made available with no pro-
gramming required on the device. The following features
are available
n
On-Chip Temperature Sensor
n
4 Analog Inputs
n
4 Digital Inputs
n
3 Digital Outputs
Refer to the SmartMesh IP User's Guide for more detailed
information.
On-Chip SDK (OCSDK)
TheSmartMeshIPOn-ChipSoftwareDevelopmentKit(On-
ChipSDK)enablesdevelopmentofC-codeapplicationsfor
executionontheLTC5800-IPM,runningMicrium’sµCOS-II
real-time operating system. With the On-Chip SDK, users
may quickly and easily develop application code without
the need for an external microprocessor.
Applications written within the On-Chip SDK may send
andreceivewirelessmessagesthroughthemeshnetwork;
process data, such as statistical analysis; execute local
decision-making and control; and manage the following
peripherals:
n
General Purpose Input-Output (GPIO) pins
n
Analog-to-Digital Converter (ADC)
n
Universal Asynchronous Receiver/Transmitter
(UART)
n
Serial Peripheral Interface (SPI) Master
n
Inter-Integrated Circuit (I2C) Master
n
1-Wire Master
Network connectivity and quality of service is handled by
theSmartMeshIPprotocolstack.TheSmartMeshIPstack
comes as a pre-compiled library and delivers >99.999%
data reliability while providing ultra low power operation.
REGULATORY AND STANDARDS COMPLIANCE
Radio Certification
The LTP5901 and LTP5902 have been certified under a
single modular certification, with the module name of
ETERNA2. Following the regulatory requirements pro-
vided in the ETERNA2 User’s Guide enables customers
to ship products in the supported geographies, by simply
completing an unintentional radiator scan of the finished
product(s). The ETERNA2 User’s Guide also provides
the technical information needed to enable customers
to further certify either the modules or products based
upon the modules in geographies that have not or do not
support modular certification.
Compliance to Restriction of Hazardous Substances
(RoHS)
Restriction of Hazardous Substances 2 (RoHS 2) is a
directive that places maximum concentration limits on
the use of certain hazardous substances in electrical and
electronic equipment. Linear Technology is committed to
meeting the requirements of the European Community
directive 2011/65/EU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com