Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP5901-IPM Datasheet(PDF) 17 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 17 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 13Page - Linear Technology LTP5901-IPM Datasheet HTML 14Page - Linear Technology LTP5901-IPM Datasheet HTML 15Page - Linear Technology LTP5901-IPM Datasheet HTML 16Page - Linear Technology LTP5901-IPM Datasheet HTML 17Page - Linear Technology LTP5901-IPM Datasheet HTML 18Page - Linear Technology LTP5901-IPM Datasheet HTML 19Page - Linear Technology LTP5901-IPM Datasheet HTML 20Page - Linear Technology LTP5901-IPM Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
17
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
Typical perForMance characTerisTics
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
1 Hop, Room Temperature
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
3 Hops, Room Temperature
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
5 Hops, Room Temperature
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
1 Hop, 2°C/Min
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
3 Hops, 2°C/Min
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
5 Hops, 2°C/Min
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
1 Hop, 8°C/Min
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
3 Hops, 8°C/Min
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
5 Hops, 8°C/Min
SYNCHRONIZATION ERROR (µs)
–40
0
10
20
30
40
60
50
–30
58012ipm G10
40
–20
0
10
20
30
–10
µ = 0.0
σ = 1.2
N = 22753
SYNCHRONIZATION ERROR (µs)
–40
0
10
20
30
40
60
50
–30
58012ipm G11
40
–20
0
10
20
30
–10
µ = –0.2
σ = 1.2
N = 17008
SYNCHRONIZATION ERROR (µs)
–40
0
10
20
30
40
50
–30
58012ipm G12
40
–20
0
10
20
30
–10
µ = –0.2
σ = 1.2
N = 17007
SYNCHRONIZATION ERROR (µs)
–40
0
10
5
15
20
35
30
25
–30
58012ipm G13
40
–20
0
10
20
30
–10
µ = 0.5
σ = 1.9
N = 85860
SYNCHRONIZATION ERROR (µs)
–40
0
10
5
15
20
45
35
40
30
25
–30
58012ipm G14
40
–20
0
10
20
30
–10
µ = 0.1
σ = 1.5
N = 85858
SYNCHRONIZATION ERROR (µs)
–40
0
10
5
15
20
35
30
25
–30
58012ipm G15
40
–20
0
10
20
30
–10
µ = 0.1
σ = 1.5
N = 85855
SYNCHRONIZATION ERROR (µs)
–40
0
10
20
30
60
50
40
–30
58012ipm G16
40
–20
0
10
20
30
–10
µ = 0.2
σ = 1.4
N = 33932
SYNCHRONIZATION ERROR (µs)
–40
0
10
20
30
60
50
40
–30
58012ipm G17
40
–20
0
10
20
30
–10
µ = 0.0
σ = 1.3
N = 33930
SYNCHRONIZATION ERROR (µs)
–40
0
10
20
30
50
40
–30
58012ipm G18
40
–20
0
10
20
30
–10
µ = –1.0
σ = 1.3
N = 33929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com