Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP5901-IPM Datasheet(PDF) 20 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 20 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 16Page - Linear Technology LTP5901-IPM Datasheet HTML 17Page - Linear Technology LTP5901-IPM Datasheet HTML 18Page - Linear Technology LTP5901-IPM Datasheet HTML 19Page - Linear Technology LTP5901-IPM Datasheet HTML 20Page - Linear Technology LTP5901-IPM Datasheet HTML 21Page - Linear Technology LTP5901-IPM Datasheet HTML 22Page - Linear Technology LTP5901-IPM Datasheet HTML 23Page - Linear Technology LTP5901-IPM Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
20
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
pin FuncTions
The following table organizes the pins by functional
groups. For those I/O with multiple functions the alternate
functions are shown on the second and third line in their
respective row. The No column provides the pin number.
The second column lists the function. The Type column
lists the I/O type. The I/O column lists the direction of the
signal relative to Eterna. The Pull column shows which
signals have a fixed passive pull-up or pull-down. The
Description column provides a brief signal description.
NO POWER SUPPLY
TYPE
I/O
PULL DESCRIPTION
1 GND
Power
-
-
Ground Connection
11 GND
Power
-
-
Ground Connection
20 GND
Power
-
-
Ground Connection
30 GND
Power
-
-
Ground Connection
34 GND
Power
-
-
Ground Connection
37 GND
Power
-
-
Ground Connection
42 GND
Power
-
-
Ground Connection
56 GND
Power
-
-
Ground Connection
66 GND
Power
-
-
Ground Connection
55 VSUPPLY
Power
-
-
Power Supply Input to Eterna
NO RADIO
TYPE
I/O
PULL DESCRIPTION
64 RADIO_INHIBIT
1 (Note 14)
I
-
Radio Inhibit
4 GPIO17
1
I/O
-
General Purpose Digital I/O
5 GPIO18
1
I/O
-
General Purpose Digital I/O
6 GPIO19
1
I/O
-
General Purpose Digital I/O
-
ANTENNA
N/A
N/A
-
Chip Antenna (LTP5901) or MMCX Connector (LPT5902)
NO ANALOG
TYPE
I/O
PULL DESCRIPTION
7 AI_2
Analog
I
-
Analog Input 2
8 AI_1
Analog
I
-
Analog Input 1
9 AI_3
Analog
I
-
Analog Input 3
10 AI_0
Analog
I
-
Analog Input 0
NO RESET
TYPE
I/O
PULL DESCRIPTION
15 RESETn
1
I
UP
Reset Input, Active Low
NO JTAG
TYPE
I/O
PULL DESCRIPTION
16 TDI
1
I
UP
JTAG Test Data In
17 TDO
1
O
-
JTAG Test Data Out
18 TMS
1
I
UP
JTAG Test Mode Select
19 TCK
1
I
DOWN JTAG Test Clock
Pin functions shown in italics are currently not supported in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com