Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTP5901-IPM Datasheet(PDF) 30 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 30 Page - Linear Technology

Back Button LTP5901-IPM Datasheet HTML 26Page - Linear Technology LTP5901-IPM Datasheet HTML 27Page - Linear Technology LTP5901-IPM Datasheet HTML 28Page - Linear Technology LTP5901-IPM Datasheet HTML 29Page - Linear Technology LTP5901-IPM Datasheet HTML 30Page - Linear Technology LTP5901-IPM Datasheet HTML 31Page - Linear Technology LTP5901-IPM Datasheet HTML 32Page - Linear Technology LTP5901-IPM Datasheet HTML 33Page - Linear Technology LTP5901-IPM Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTP5901-IPM/LTP5902-IPM
30
59012ipmfa
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
operaTion
I2C MASTER
The I2C Master enables control of I2C slave devices,
including support for clock stretching slaves. I2C Multi-
master and bus arbitration protocols are not supported.
For implementation details refer to the On-Chip Software
Development Kit (On-Chip SDK).
SPI MASTER
TheEternaSPImastercontrollersupportsallconfigurations
ofclockpolarityandphase,supportingshiftclockfrequen-
cies of 460.8kHz, 921.6kHz, 1.8432MHz, or 3.6864MHz.
In addition the SPI master controller can be configured to
repetitively issue commands and capture the correspond-
ing output, enabling repetitive sampling of signals from a
SPI ADC or SPI sensor based upon a clock reference of
better than ±50ppm. For implementation details refer to
the On-Chip Software Development Kit (On-Chip SDK).
1-WIRE MASTER
The Eterna 1-Wire Master controller supports the reset,
presencedetect,readandwrite1-Wireprotocoloperations,
incorporatinganactivepull-up. Theactivepull-upbecomes
active when the passive pull-up raises the voltage on the
1_WIRE pin nominally above 1.4V, driving the 1_WIRE
signal as specified in Digital I/O Characteristics. For
implementation details refer to the On-Chip Software
Development Kit (On-Chip SDK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com