Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2321 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2321
Description  Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2321 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2321 Datasheet HTML 2Page - Linear Technology LTC2321 Datasheet HTML 3Page - Linear Technology LTC2321 Datasheet HTML 4Page - Linear Technology LTC2321 Datasheet HTML 5Page - Linear Technology LTC2321 Datasheet HTML 6Page - Linear Technology LTC2321 Datasheet HTML 7Page - Linear Technology LTC2321 Datasheet HTML 8Page - Linear Technology LTC2321 Datasheet HTML 9Page - Linear Technology LTC2321 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc1996afb
DEMO MANUAL DC1996A
PARTS LIST
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
60
1
U18
IC, EQFP, CYCLONE3, WIRE BOND,
EQFP144
ALTERA, EP3C5E144C7
61
1
U19
IC, 4-BIT, FLASH MEMORY, SO8
ALTERA, EPCS4SI8
62
1
U20
IC, EEPROM, 2kBIT, 400kHz, 8TSSOP
MICROCHIP, 24LC024-I/ST
63
1
Y1
OSCILLATOR, 106.2500MHz, 3.3V, SMD
CTS-FREQUENCY CONTROLS, CB3LV-3I-
106M2500
64
12
SHOWN ON ASSY DWG
SHUNT, 0.100", 2POS
SAMTEC, SNT-100-BK-G
65
4
MH1-MH4
STANDOFF, NYLON, 0.25"
KEYSTONE, 8831 (SNAP-ON)
DC1996A-A Required Circuit Components
1
1
DC1996A GENERAL BOM
2
2
R67, R73
RES., CHIP, 1k, 1/16W, 5%, 0402
PANASONIC, ERJ-2EKF1001V
3
1
U1
I.C., DUAL SAR ADC, QFN28UFD-4X5
LINEAR TECHNOLOGY, LTC2323CUFD-16#PBF
DC1996A-B Required Circuit Components
1
1
DC1996A GENERAL BOM
2
2
R67, R73
RES., CHIP, 1k, 1/16W, 5%, 0402
PANASONIC, ERJ-2EKF1001V
3
1
U1
I.C., DUAL SAR ADC, QFN28UFD-4X5
LINEAR TECHNOLOGY, LTC2321CUFD-16#PBF
DC1996A-C Required Circuit Components
1
1
DC1996A GENERAL BOM
2
2
R68, R73
RES., CHIP, 1k, 1/16W, 5%, 0402
PANASONIC, ERJ-2EKF1001V
3
1
U1
I.C., DUAL SAR ADC, QFN28UFD-4X5
LINEAR TECHNOLOGY, LTC2323CUFD-14#PBF
DC1996A-D Required Circuit Components
1
1
DC1996A GENERAL BOM
2
2
R68, R73
RES., CHIP, 1k, 1/16W, 5%, 0402
PANASONIC, ERJ-2EKF1001V
3
1
U1
I.C., DUAL SAR ADC, QFN28UFD-4X5
LINEAR TECHNOLOGY, LTC2321CUFD-14#PBF
DC1996A-E Required Circuit Components
1
1
DC1996A GENERAL BOM
2
2
R67, R74
RES., CHIP, 1k, 1/16W, 5%, 0402
PANASONIC, ERJ-2EKF1001V
3
1
U1
I.C., DUAL SAR ADC, QFN28UFD-4X5
LINEAR TECHNOLOGY, LTC2323CUFD-12#PBF
DC1996A-F Required Circuit Components
1
1
DC1996A GENERAL BOM
2
2
R67, R74
RES., CHIP, 1k, 1/16W, 5%, 0402
PANASONIC, ERJ-2EKF1001V
3
1
U1
I.C., DUAL SAR ADC, QFN28UFD-4X5
LINEAR TECHNOLOGY, LTC2321CUFD-12#PBF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com