Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2321 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2321
Description  Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2321 Datasheet(HTML) 4 Page - Linear Technology

  LTC2321 Datasheet HTML 1Page - Linear Technology LTC2321 Datasheet HTML 2Page - Linear Technology LTC2321 Datasheet HTML 3Page - Linear Technology LTC2321 Datasheet HTML 4Page - Linear Technology LTC2321 Datasheet HTML 5Page - Linear Technology LTC2321 Datasheet HTML 6Page - Linear Technology LTC2321 Datasheet HTML 7Page - Linear Technology LTC2321 Datasheet HTML 8Page - Linear Technology LTC2321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
dc1996afb
DEMO MANUAL DC1996A
JP9 –IN1 Coupling: Use this jumper to select AC- or DC-
coupling of the signal applied to J5. The default setting
is DC. At very low input frequencies, using AC-coupling
may degrade the distortion performance.
JP10 VCCIO: Use this jumper to select the VCCIO sup-
ply voltage. The default setting is 2.5V. The 1.8V setting
selects a 1.8V supply voltage.
PARTS LIST
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
20
C1, C2, C4, C5, C9, C11, C13, C18, C19,
C22, C23, C29, C37, C51, C52, C58, C59,
C82, C129, C130
CAP., X7R, 0.1µF, 16V, 10%, 0603
NIC, NMC0603X7R104K16TRPF
2
24
C3, C6, C16, C17, C20, C21, C24-C26,
C28, C30, C34, C47-C50, C53, C54, C57,
C61, C70, C76, C79, C81
CAP., X5R, 10µF, 6.3V, 20%, 0603
NIC, NMC0603X5R106M6.3TRPF4KF
3
0
C7, C8, C10, C14, C27, C35, C36, C40,
C41, C60
CAP., 0603
OPT
4
2
C12, C41
CAP., NPO, 200pF, 16V, 5%, 0603
MURAA, GRM1885C1H201JA01D
5
12
C15, C32, C38, C39, C43, C45, C65, C67,
C68, C71, C74, C77
CAP., X7R, 1µF, 25V, 10%, 0603
TDK, C1608X7R1E105K
6
6
C31, C33, C55, C56, C106, C119
CAP., X5R, 4.7µF, 6.3V, 10%, 0603
AVX, 06036D475KAT2A
7
2
C42, C44
CAP., X5R, 2.2µF, 10V, 10%, 0603
MURATA, GRM188R61A225KE34D
8
1
C62
CAP., X7R, 47µF, 10V, 10%, 1210
MURATA, GRM32ER71A476KE15L
9
5
C63, C69, C72, C75, C78
CAP., X7R, 0.01µF, 6.3V, 10%, 0603
MURATA, GRM188R70J103KA01D
10
3
C64, C66, C73
CAP., X7R, 10µF, 10V, 10%, 0805
MURATA, GRM21BR71A106KE51L
11
1
C80
CAP., X5R, 3.3µF, 6.3V, 10%, 0603
AVX, 06036D335KAT2A
12
28
C83-C104, C108, C122-C126
CAP., X7R, 0.1µF, 16V, 10%, 0402
NIC, NMC0402X7R104K16TRPF
13
1
C105
CAP., X5R, 47µF, 6.3V, 20%, 0805
TAIYO YUDEN, JMK212BJ476MG-T
14
3
C107, C120, C121
CAP., X7R, 0.01µF, 16V, 10%, 0402
NIC, NMC0402X7R103K16TRPF
15
1
C109
CAP., X7R, 1nF, 16V, 10%, 0402
AVX, 0402YC102KAT2A
16
3
C110, C111, C112
CAP., X7R, 22nF, 16V, 10%, 0402
AVX, 0402YC223KAT2A
17
2
C113, C128
CAP., X7R, 4.7nF, 16V, 10%, 0402
AVX, 0402YC472KAT2A
18
4
C114, C115, C116, C117
CAP., NP0, 10pF, 16V, 10%, 0402
AVX, 0402YA100KAT2A
19
1
C118
CAP., TANT, 470µF 10V, 20%, 7343
AVX, TPSE477M010R0050
20
1
C127
CAP., X7R, 2.2nF, 16V, 10%, 0402
AVX, 0402YC222KAT2A
21
4
D1, D2, D3, D4
DIODE, SCHOTTKY, 30V, 200mW SOD-323 DIODE INC., BAT54WS-7-F
22
9
E1-E3, E5, E8-E12
TEST POINT, TURRET, 0.064"
MILL-MAX, 2308-2-00-80-00-00-07-0
23
3
E4, E6, E7
TEST POINT, TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
HARDWARE SETUP
JP11 VDD: Use this jumper to select the VDD supply volt-
age. The default setting is 5V. The 3.3V setting selects a
3.3V supply voltage.
JP12 EEPROM: Factory use only.
JP13 OSC: Use this jumper to enable the onboard encode
clock source. The default setting is OFF. The ON setting
energizes this source. Refer to the DC1996A schematic for
additional passive elements required to use the onboard
source.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com