Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2321 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2321
Description  Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2321 Datasheet(HTML) 5 Page - Linear Technology

  LTC2321 Datasheet HTML 1Page - Linear Technology LTC2321 Datasheet HTML 2Page - Linear Technology LTC2321 Datasheet HTML 3Page - Linear Technology LTC2321 Datasheet HTML 4Page - Linear Technology LTC2321 Datasheet HTML 5Page - Linear Technology LTC2321 Datasheet HTML 6Page - Linear Technology LTC2321 Datasheet HTML 7Page - Linear Technology LTC2321 Datasheet HTML 8Page - Linear Technology LTC2321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
dc1996afb
DEMO MANUAL DC1996A
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
24
11
JP1, JP3-JP7, JP9-JP11, JP13, JP15
HEADER, 1×3, 0.100"
SAMTEC, TSW-103-07-L-S
25
2
JP2, JP8
HEADER, 2×3, 0.100"
SAMTEC, TSW-103-07-L-D
26
2
J6, J7
HEADER, 2×5, 0.100"
SAMTEC, TSW-105-07-L-D
27
5
J1, J2, J3, J4, J5
CONN BNC FEM JACK PC MNT STRGHT
AMPHENOL CONNEX, 112404
28
1
L1
IND, FERRITE CHIP, 390Ω, 2000mA, 1206
MURATA, BLM31PG391SN1L
29
15
R1, R2, R10, R21, R27, R46-R48, R51,
R52, R57, R58, R60, R64, R66
RES., CHIP, 1k, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF1001V
30
0
R3, R7, R11, R22, R23, R25, R28, R29,
R32, R34, R36, R37, R49, R50, R54,
R123
RES., CHIP, 0603
OPT
31
2
R4, R17
RES., CHIP, 33Ω, 1/10W, 5%, 0603
PANASONIC, ERJ-3GEYJ330V
32
11
R5, R6, R12, R20, R24, R30, R31, R35,
R39, R40, R53
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
33
4
R8, R18, R33, R44
RES., CHIP, 49.9Ω, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF49R9V
34
1
R9
RES., CHIP, 49.9Ω, 1/4W, 1%, 1206
PANASONIC, ERJ-8ENF49R9V,
35
4
R13, R16, R38, R43
RES., CHIP, 0Ω, 1/16W, 0402
PANASONIC, ERJ-2GE0R00X
36
4
R14, R15, R41, R42
RES., CHIP, 301, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF3010V
37
2
R19, R45
RES., CHIP, 150, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF1500V
38
0
R26, R75, R76, R99
RES., CHIP, 0402
39
2
R55, R56
RES., CHIP, 3.92k, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF3921V
40
1
R59
RES., CHIP, 499Ω, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF4990V
41
1
R61
RES., CHIP, 866Ω, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF8660V
42
1
R62
RES., CHIP, 3.09k, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF3091V
43
1
R63
RES., CHIP, 4.02k, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF4021V
44
1
R65
RES., CHIP, 1.43k, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF1431V
45
33
R69-R72, R77-R98, R100-R104, R119,
R120
RES., CHIP, 33Ω, 1/16W, 5%, 0402
PANASONIC, ERJ-2GEJ330X
46
1
R118
RES., CHIP, 1k, 1/16W, 1%, 0402
PANASONIC, ERJ-2EKF1001V
47
4
R105, R106, R107, R108
RES., CHIP, 4.99k, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF4991V
48
9
R109-R117
RES., CHIP, 10k, 1/16W, 5%, 0402
PANASONIC, ERJ-2GEYJ103V
49
1
R121
RES., CHIP, 10k, 1/16W, 5%, 0603
PANASONIC, ERJ-3GEYJ103V
50
1
R122
RES., CHIP, 100Ω, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF1000V
51
3
U2, U3, U7
IC, INVERTER, UHS, SINGLE, SC70-5
FAIRCHILD, NC7SZ04P5X
52
2
U4, U5
IC, 400MHz, AMPLIFIER, MS8
LINEAR TECHNOLOGY, LT1819CMS8#PBF
53
1
U6
IC, FLIP FLOP, D-TYPE LOG, US8
ON SEMI., NL17SZ74USG
54
2
U8, U9
IC, VOLTAGE REFERENCE, MSOP8
LINEAR TECHNOLOGY, LTC6655BHMS8-
4.096#PBF
55
2
U10, U21
IC, OP-AMP, MS8
LINEAR TECHNOLOGY, LT6202CS5#PBF
56
4
U11, U13, U14, U15
IC, MICROPOWER REGULATOR, SO8
LINEAR TECHNOLOGY, LT1763CS8#PBF
57
1
U12
IC, MICROPOWER NEG. REGULATOR,
SOT-23
LINEAR TECHNOLOGY, LT1964ES5-SD#PBF
58
1
U16
IC, MICROPOWER REGULATOR, SO8
LINEAR TECHNOLOGY, LT1763CS8-2.5#PBF
59
1
U17
IC, LINEAR REGULATOR, SO8
LINEAR TECHNOLOGY, LT3021ES8-1.2#PBF
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com